Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LBC176AMDREP Datasheet (PDF) - Texas Instruments

SN65LBC176AMDREP Datasheet PDF - Texas Instruments
Part # SN65LBC176AMDREP
Download  SN65LBC176AMDREP Download
File Size   525.57 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DIFFERENTIAL BUS TRANSCEIVER

SN65LBC176AMDREP Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65LBC176AMDREP Datasheet PDF - Texas Instruments

Part # SN65LBC176AMDREP
Download  SN65LBC176AMDREP Click to download

File Size   525.57 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DIFFERENTIAL BUS TRANSCEIVER

SN65LBC176AMDREP Datasheet (HTML) - Texas Instruments


SN65LBC176AMDREP Product details

Controlled Baseline
− One Assembly/Test Site, One Fabrication
Site
Extended Temperature Performance of
−40°C to 125°C and −55°C to 125°C
Enhanced Diminishing Manufacturing
Sources (DMS) Support
Enhanced Product Change Notification
Qualification Pedigree†
High-Speed Low-Power LinBiCMOS
Circuitry Designed for Signaling Rates‡ Up
to 30 Mbps
Bus-Pin ESD Protection Exceeds 12-kV
HBM
Compatible With ANSI Standard
TIA/EIA-485-A and ISO 8482:1987(E)
Low Skew
Designed for Multipoint Transmission on
Long Bus Lines in Noisy Environments
Low Disabled Supply Current
Requirements . . . 700 μA Maximum
Common-Mode Voltage Range of −7 V
to 12 V
Thermal-Shutdown Protection
Driver Positive and Negative Current
Limiting
Open-Circuit Fail-Safe Receiver Design
Receiver Input Sensitivity . . . ±200 mV Max
Receiver Input Hysteresis . . . 50 mV Typ
Glitch-Free Power-Up and Power-Down
Protection

description/ordering information
The SN65LBC176A-EP differential bus transceiver is a monolithic, integrated circuits designed for bidirectional
data communication on multipoint bus-transmission lines. The SN65LBC176A-EP is designed for balanced
transmission lines and is compatible with ANSI standard TIA/EIA-485-A and ISO 8482. The SN65LBC176A-EP
offers improved switching performance over its predecessors without sacrificing significantly more power.
The SN65LBC176A-EP combines a 3-state, differential line driver and a differential input line receiver, both of
which operate from a single 5-V power supply. The driver and receiver have active-high and active-low enables,
respectively, which can externally connect together to function as a direction control. The driver differential
outputs and the receiver differential inputs connect internally to form a differential input/output (I/O) bus port that
is designed to offer minimum loading to the bus whenever the driver is disabled or VCC = 0. This port features
wide positive and negative common-mode voltage ranges, making the device suitable for party-line
applications. Low device supply current can be achieved by disabling the driver and the receiver.




Similar Part No. - SN65LBC176AMDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC176AMDREP TI1-SN65LBC176AMDREP Datasheet
410Kb / 17P
DIFFERENTIAL BUS TRANSCEIVER
More results


Similar Description - SN65LBC176AMDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ALS1176 TI-SN65ALS1176 Datasheet
166Kb / 12P
DIFFERENTIAL BUS TRANSCEIVER
logo
Burr-Brown (TI)
ISO422 BURR-BROWN-ISO422 Datasheet
251Kb / 8P
DIFFERENTIAL BUS TRANSCEIVER
logo
Texas Instruments
SN65LBC182 TI-SN65LBC182 Datasheet
290Kb / 15P
DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_07 Datasheet
335Kb / 18P
DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_01 Datasheet
189Kb / 13P
DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176A-EP TI1-SN65LBC176A-EP Datasheet
410Kb / 17P
DIFFERENTIAL BUS TRANSCEIVER
TL3695 TI1-TL3695_12 Datasheet
507Kb / 20P
DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176QDRQ1 TI1-SN65LBC176QDRQ1 Datasheet
741Kb / 14P
DIFFERENTIAL BUS TRANSCEIVER
logo
Linear Technology
LTC1485 LINER-LTC1485_15 Datasheet
188Kb / 12P
Differential Bus Transceiver
logo
Texas Instruments
SN65LBC176-Q1 TI1-SN65LBC176-Q1 Datasheet
791Kb / 15P
DIFFERENTIAL BUS TRANSCEIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com