Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LBC176AMDREP Datasheet(PDF) 4 Page - Texas Instruments

Part # SN65LBC176AMDREP
Description  DIFFERENTIAL BUS TRANSCEIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65LBC176AMDREP Datasheet(HTML) 4 Page - Texas Instruments

  SN65LBC176AMDREP Datasheet HTML 1Page - Texas Instruments SN65LBC176AMDREP Datasheet HTML 2Page - Texas Instruments SN65LBC176AMDREP Datasheet HTML 3Page - Texas Instruments SN65LBC176AMDREP Datasheet HTML 4Page - Texas Instruments SN65LBC176AMDREP Datasheet HTML 5Page - Texas Instruments SN65LBC176AMDREP Datasheet HTML 6Page - Texas Instruments SN65LBC176AMDREP Datasheet HTML 7Page - Texas Instruments SN65LBC176AMDREP Datasheet HTML 8Page - Texas Instruments SN65LBC176AMDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
SN65LBC176AEP
DIFFERENTIAL BUS TRANSCEIVER
SGLS151C − DECEMBER 2002 − REVISED JULY 2004
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.75
5
5.25
V
Voltage at any bus terminal (separately or common mode), VI or VIC
12
V
Voltage at any bus terminal (separately or common mode), VI or VIC
−7
V
High-level input voltage, VIH (output recessive)
D, DE, and RE
2
VCC
V
Low-level input voltage, VIL (output dominant)
D, DE, and RE
0
0.8
V
Differential input voltage, VID (see Note 5)
−12§
12
V
High-level output current, IOH
Driver
−60
mA
High-level output current, IOH
Receiver
−8
mA
Low-level output current, IOL
Driver
60
mA
Low-level output current, IOL
Receiver
8
mA
Operating free-air temperature, TA
SN65LBC176AQ-EP
−40
125
°C
Operating free-air temperature, TA
SN65LBC176AM-EP
−55
125
°C
§ The algebraic convention, in which the least positive (most negative) limit is designated as minimum, is used in this data sheet.
NOTE 5: Differential input /output bus voltage is measured at the noninverting terminal A with respect to the inverting terminal B.
driver electrical characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
Input clamp voltage
II = − 18 mA
−1.5
−0.8
V
IO = 0
1.5
4
6
| VOD |
Differential output voltage
RL = 54 Ω,
See Figure 1
0.9
1.5
6
V
| VOD |
Differential output voltage
Vtest = − 7 V to 12 V, See Figure 2
0.9
1.5
6
V
∆| VOD |
Change in magnitude of
differential output voltage
See Figure 1 and Figure 2
−0.2
0.2
V
VOC(SS)
Steady-state common-mode
output voltage
See Figure 1
1.8
2.4
3
V
∆ VOC(SS)
Change in steady-state
common-mode output
voltage†
See Figure 1
−0.2
0.2
V
IOZ
High-impedance output
current
See receiver input currents
IIH
High-level enable input
current
VI = 2 V
−100
µA
IIL
Low-level enable input
current
VI = 0.8 V
−100
µA
IOS
Short-circuit output current
− 7 V
≤ VO ≤ 12 V
−250
±70
250
mA
VI = 0 or VCC,
Receiver disabled and driver enabled
5
9
ICC
Supply current
VI = 0 or VCC,
No load
Receiver disabled and driver disabled
0.4
0.7
mA
ICC
Supply current
No load
Receiver enabled and driver enabled
8.5
15
mA
† All typical values are at VCC = 5 V, TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com