Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LBC176AMDREP Datasheet(PDF) 5 Page - Texas Instruments

Part # SN65LBC176AMDREP
Description  DIFFERENTIAL BUS TRANSCEIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65LBC176AMDREP Datasheet(HTML) 5 Page - Texas Instruments

  SN65LBC176AMDREP Datasheet HTML 1Page - Texas Instruments SN65LBC176AMDREP Datasheet HTML 2Page - Texas Instruments SN65LBC176AMDREP Datasheet HTML 3Page - Texas Instruments SN65LBC176AMDREP Datasheet HTML 4Page - Texas Instruments SN65LBC176AMDREP Datasheet HTML 5Page - Texas Instruments SN65LBC176AMDREP Datasheet HTML 6Page - Texas Instruments SN65LBC176AMDREP Datasheet HTML 7Page - Texas Instruments SN65LBC176AMDREP Datasheet HTML 8Page - Texas Instruments SN65LBC176AMDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
SN65LBC176AEP
DIFFERENTIAL BUS TRANSCEIVER
SGLS151C − DECEMBER 2002 − REVISED JULY 2004
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
driver switching characteristics over recommended operating conditions (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
tPLH
Propagation delay time, low-to-high level output
2
12
tPHL
Propagation delay time, high-to-low level output
RL = 54 Ω CL = 50 pF,
2
12
tsk(p)
Pulse skew ( | tPLH − tPHL |)
RL = 54 Ω, CL = 50 pF,
See Figure 3
2
ns
tr
Differential output signal rise time
See Figure 3
1.2
11
ns
tf
Differential output signal fall time
1.2
11
tPZH
Propagation delay time, high-impedance to high-level output
RL = 110 Ω, See Figure 4
22
ns
tPZL
Propagation delay time, high-impedance to low-level output
RL = 110 Ω, See Figure 5
25
ns
tPHZ
Propagation delay time, high-level to high-impedance output
RL = 110 Ω, See Figure 4
22
ns
tPLZ
Propagation delay time, low-level to high-impedance output
RL = 110 Ω, See Figure 5
22
ns
† All typical values are at VCC = 5 V, TA = 25°C.
receiver electrical characteristics over recommended operating conditions (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIT +
Positive-going input threshold voltage
IO = −8 mA
0.2
V
VIT −
Negative-going input threshold
voltage
IO = 8 mA
− 0.2
V
Vhys
Hysteresis voltage (VIT + − VIT −)
IO = 8 mA
50
mV
VIK
Enable-input clamp voltage
II = − 18 mA
− 1.5
− 0.8
V
VOH
High-level output voltage
VID = 200 mV, IOH = − 8 mA,
See Figure 6
4
4.9
V
VOL
Low-level output voltage
VID = 200 mV, IOL = 8 mA,
See Figure 6
0.1
0.8
V
IOZ
High-impedance-state output current
VO = 0 to VCC
−10
10
µA
VIH = 12 V,
VCC = 5 V
0.4
1
II
Bus input current
VIH = 12 V,
VCC = 0
Other input at 0 V
0.5
1
mA
II
Bus input current
VIH = − 7 V,
VCC = 5 V
Other input at 0 V
−0.8
− 0.4
mA
VIH = − 7 V,
VCC = 0
−0.8
− 0.3
IIH
High-level enable-input current
VIH = 2 V
− 100
µA
IIL
Low-level enable-input current
VIL = 0.8 V
− 100
µA
VI = 0 or VCC,
Receiver enabled and driver disabled
4
7
ICC
Supply current
VI = 0 or VCC,
No load
Receiver disabled and driver disabled
0.4
0.7
mA
ICC
Supply current
No load
Receiver enabled and driver enabled
8.5
15
mA
† All typical values are at VCC = 5 V, TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com