Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LBC176AMDREP Datasheet(PDF) 12 Page - Texas Instruments

Part # SN65LBC176AMDREP
Description  DIFFERENTIAL BUS TRANSCEIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65LBC176AMDREP Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN65LBC176AMDREP Datasheet HTML 8Page - Texas Instruments SN65LBC176AMDREP Datasheet HTML 9Page - Texas Instruments SN65LBC176AMDREP Datasheet HTML 10Page - Texas Instruments SN65LBC176AMDREP Datasheet HTML 11Page - Texas Instruments SN65LBC176AMDREP Datasheet HTML 12Page - Texas Instruments SN65LBC176AMDREP Datasheet HTML 13Page - Texas Instruments SN65LBC176AMDREP Datasheet HTML 14Page - Texas Instruments SN65LBC176AMDREP Datasheet HTML 15Page - Texas Instruments SN65LBC176AMDREP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
SN65LBC176AEP
DIFFERENTIAL BUS TRANSCEIVER
SGLS151C − DECEMBER 2002 − REVISED JULY 2004
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
3.5
3
2.5
2
0
−10
−20
−30
−40
−50
−60
4
4.5
I
− High-Level Output Current − (mA)
DRIVER HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
5
−70
−80
OH
1.5
1
0.5
0
VCC = 4.75 V
VCC = 5 V
VCC = 5.25 V
1.5
1
0.5
0
−40
0
25
70
85
2
Average Case Temperature − C
DRIVER DIFFERENTIAL OUTPUT VOLTAGE
vs
AVERAGE CASE TEMPERATURE
°
Figure 14
Figure 15
13.5
13.4
13.3
12.9
−40
0
25
13.6
13.7
Case Temperature − C
RECEIVER PROPAGATION TIME
vs
CASE TEMPERATURE
13.8
70
80
13.1
13
13.2
6.8
6.6
6.4
6.2
−40
0
25
70
7
7.2
Case Temperature − C
DRIVER PROPAGATION DELAY TIME
vs
CASE TEMPERATURE
7.4
85
°
6
5.8
5.6
°
Figure 16
Figure 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com