Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LBC176AMDREP Datasheet(PDF) 10 Page - Texas Instruments

Part # SN65LBC176AMDREP
Description  DIFFERENTIAL BUS TRANSCEIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65LBC176AMDREP Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN65LBC176AMDREP Datasheet HTML 6Page - Texas Instruments SN65LBC176AMDREP Datasheet HTML 7Page - Texas Instruments SN65LBC176AMDREP Datasheet HTML 8Page - Texas Instruments SN65LBC176AMDREP Datasheet HTML 9Page - Texas Instruments SN65LBC176AMDREP Datasheet HTML 10Page - Texas Instruments SN65LBC176AMDREP Datasheet HTML 11Page - Texas Instruments SN65LBC176AMDREP Datasheet HTML 12Page - Texas Instruments SN65LBC176AMDREP Datasheet HTML 13Page - Texas Instruments SN65LBC176AMDREP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
SN65LBC176AEP
DIFFERENTIAL BUS TRANSCEIVER
SGLS151C − DECEMBER 2002 − REVISED JULY 2004
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Driver Input
Receiver Output
120
Ω
120
Ω
Receiver Output
Driver Input
Figure 9. Typical Waveform of Non-Return-To-Zero (NRZ), Pseudorandom Binary Sequence (PRBS) Data
at 100 Mbps Through 15m, of CAT 5 Unshielded Twisted Pair (UTP) Cable
TIA/EIA-485-A defines a maximum signaling rate as that in which the transition time of the voltage transition
of a logic-state change remains less than or equal to 30% of the bit length. Transition times of greater length
perform quite well, even though they do not meet the standard by definition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com