Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8S207MBT3TR Datasheet(PDF) 59 Page - STMicroelectronics

Part # STM8S207MBT3TR
Description  Performance line, 24 MHz STM8S 8-bit MCU, up to 128 KB Flash
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S207MBT3TR Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STM8S207MBT3TR Datasheet HTML 55Page - STMicroelectronics STM8S207MBT3TR Datasheet HTML 56Page - STMicroelectronics STM8S207MBT3TR Datasheet HTML 57Page - STMicroelectronics STM8S207MBT3TR Datasheet HTML 58Page - STMicroelectronics STM8S207MBT3TR Datasheet HTML 59Page - STMicroelectronics STM8S207MBT3TR Datasheet HTML 60Page - STMicroelectronics STM8S207MBT3TR Datasheet HTML 61Page - STMicroelectronics STM8S207MBT3TR Datasheet HTML 62Page - STMicroelectronics STM8S207MBT3TR Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 103 page
background image
STM8S207xx, STM8S208xx
Electrical characteristics
Doc ID 14733 Rev 12
59/103
Total current consumption in wait mode
Table 22.
Total current consumption in wait mode at VDD = 5 V
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
IDD(WFI)
Supply
current in
wait mode
fCPU = fMASTER = 24 MHz,
TA ≤ 105 °C
HSE crystal osc. (24 MHz)
2.4
mA
HSE user ext. clock (24 MHz)
1.8
4.7
fCPU = fMASTER = 16 MHz
HSE crystal osc. (16 MHz)
2.0
HSE user ext. clock (16 MHz)
1.4
4.4
HSI RC osc. (16 MHz)
1.2
1.6
fCPU = fMASTER/128 = 125 kHz
HSI RC osc. (16 MHz)
1.0
fCPU = fMASTER/128 = 15.625
kHz
HSI RC osc. (16 MHz/8)(2)
0.55
fCPU = fMASTER = 128 kHz
LSI RC osc. (128 kHz)
0.5
1.
Data based on characterization results, not tested in production.
2.
Default clock configuration measured with all peripherals off.
Table 23.
Total current consumption in wait mode at VDD = 3.3 V
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
IDD(WFI)
Supply
current in
wait mode
fCPU = fMASTER = 24 MHz,
TA ≤ 105 °C
HSE crystal osc. (24 MHz)
2.0
mA
HSE user ext. clock (24 MHz)
1.8
4.7
fCPU = fMASTER = 16 MHz
HSE crystal osc. (16 MHz)
1.6
HSE user ext. clock (16 MHz)
1.4
4.4
HSI RC osc. (16 MHz)
1.2
1.6
fCPU = fMASTER/128 = 125 kHz
HSI RC osc. (16 MHz)
1.0
fCPU = fMASTER/128 = 15.625
kHz
HSI RC osc. (16 MHz/8)(2)
0.55
fCPU = fMASTER/128 = 15.625
kHz
LSI RC osc. (128 kHz)
0.5
1.
Data based on characterization results, not tested in production.
2.
Default clock configuration measured with all peripherals off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com