Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8S207MBT3TR Datasheet(PDF) 76 Page - STMicroelectronics

Part # STM8S207MBT3TR
Description  Performance line, 24 MHz STM8S 8-bit MCU, up to 128 KB Flash
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S207MBT3TR Datasheet(HTML) 76 Page - STMicroelectronics

Back Button STM8S207MBT3TR Datasheet HTML 72Page - STMicroelectronics STM8S207MBT3TR Datasheet HTML 73Page - STMicroelectronics STM8S207MBT3TR Datasheet HTML 74Page - STMicroelectronics STM8S207MBT3TR Datasheet HTML 75Page - STMicroelectronics STM8S207MBT3TR Datasheet HTML 76Page - STMicroelectronics STM8S207MBT3TR Datasheet HTML 77Page - STMicroelectronics STM8S207MBT3TR Datasheet HTML 78Page - STMicroelectronics STM8S207MBT3TR Datasheet HTML 79Page - STMicroelectronics STM8S207MBT3TR Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 103 page
background image
Electrical characteristics
STM8S207xx, STM8S208xx
76/103
Doc ID 14733 Rev 12
Figure 34.
Typical NRST pull-up resistance vs VDD @ 4 temperatures
Figure 35.
Typical NRST pull-up current vs VDD @ 4 temperatures
The reset network shown in Figure 36 protects the device against parasitic resets. The user
must ensure that the level on the NRST pin can go below the VIL max. level specified in
Table 41. Otherwise the reset is not taken into account internally. For power consumption
sensitive applications, the capacity of the external reset capacitor can be reduced to limit
charge/discharge current. If the NRSTsignal is used to reset the external circuitry, care must
be taken of the charge/discharge time of the external capacitor to fulfill the external device’s
reset timing conditions. The minimum recommended capacity is 10 nF.
Figure 36.
Recommended reset pin
protection
30
35
40
45
50
55
60
2.5
3
3.5
4
4.5
5
5.5
6
-40˚C
25˚C
85˚C
125˚C
VDD [V]
0
20
40
60
80
100
120
140
01
234
5
6
V
DD [V]
-40˚C
25˚C
85˚C
125˚C
ai15069
0.1µF
External
reset
circuit
STM8
Filter
RPU
VDD
Internal reset
NRST
(optional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com