Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8S207MBT3TR Datasheet(PDF) 19 Page - STMicroelectronics

Part # STM8S207MBT3TR
Description  Performance line, 24 MHz STM8S 8-bit MCU, up to 128 KB Flash
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S207MBT3TR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STM8S207MBT3TR Datasheet HTML 15Page - STMicroelectronics STM8S207MBT3TR Datasheet HTML 16Page - STMicroelectronics STM8S207MBT3TR Datasheet HTML 17Page - STMicroelectronics STM8S207MBT3TR Datasheet HTML 18Page - STMicroelectronics STM8S207MBT3TR Datasheet HTML 19Page - STMicroelectronics STM8S207MBT3TR Datasheet HTML 20Page - STMicroelectronics STM8S207MBT3TR Datasheet HTML 21Page - STMicroelectronics STM8S207MBT3TR Datasheet HTML 22Page - STMicroelectronics STM8S207MBT3TR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 103 page
background image
STM8S207xx, STM8S208xx
Product overview
Doc ID 14733 Rev 12
19/103
4.12
TIM4 - 8-bit basic timer
●
8-bit autoreload, adjustable prescaler ratio to any power of 2 from 1 to 128
●
Clock source: CPU clock
●
Interrupt source: 1 x overflow/update
4.13
Analog-to-digital converter (ADC2)
STM8S20xxx performance line products contain a 10-bit successive approximation A/D
converter (ADC2) with up to 16 multiplexed input channels and the following main features:
●
Input voltage range: 0 to VDDA
●
Dedicated voltage reference (VREF) pins available on 80 and 64-pin devices
●
Conversion time: 14 clock cycles
●
Single and continuous modes
●
External trigger input
●
Trigger from TIM1 TRGO
●
End of conversion (EOC) interrupt
4.14
Communication interfaces
The following communication interfaces are implemented:
●
UART1: Full feature UART, SPI emulation, LIN2.1 master capability, Smartcard mode,
IrDA mode, single wire mode.
●
UART3: Full feature UART, LIN2.1 master/slave capability
●
SPI : Full and half-duplex, 10 Mbit/s
●
I²C: Up to 400 Kbit/s
●
beCAN (rev. 2.0A,B) - 3 Tx mailboxes - up to 1 Mbit/s
Table 4.
TIM timer features
Timer
Counter
size
(bits)
Prescaler
Counting
mode
CAPCOM
channels
Complem.
outputs
Ext.
trigger
Timer
synchr-
onization/
chaining
TIM1
16
Any integer from 1 to 65536
Up/down
4
3
Yes
No
TIM2
16
Any power of 2 from 1 to 32768
Up
3
0
No
TIM3
16
Any power of 2 from 1 to 32768
Up
2
0
No
TIM4
8
Any power of 2 from 1 to 128
Up
0
0
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com