Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN49A6FS Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # RN49A6FS
Description  Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN49A6FS Datasheet(HTML) 4 Page - Toshiba Semiconductor

  RN49A6FS Datasheet HTML 1Page - Toshiba Semiconductor RN49A6FS Datasheet HTML 2Page - Toshiba Semiconductor RN49A6FS Datasheet HTML 3Page - Toshiba Semiconductor RN49A6FS Datasheet HTML 4Page - Toshiba Semiconductor RN49A6FS Datasheet HTML 5Page - Toshiba Semiconductor RN49A6FS Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
RN49A6FS
2009-04-23
4
Q1
IC - VI (ON)
0.1
1
10
100
0.1
1
10
100
25
-25
Ta = 100°C
エミッタ接地
VCE = 0.2V
入力オン電圧
VI (ON) (V)
IC - VI (OFF)
10
100
1000
10000
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
25
-25
Ta = 100°C
エミッタ接地
VCE = 5V
入力オフ電圧
VI (OFF) (V)
hFE - IC
10
100
1000
110
100
25
-25
Ta = 100°C
エミッタ接地
VCE = 5V
コレクタ電流 IC (mA)
VCE(sat) - IC
10
100
1000
1
10
100
25
-25
Ta = 100°C
エミッタ接地
IC / IB = 20
コレクタ電流
IC (mA)
INPUT ON VOLTAGE VI(ON) (V)
EMITTER COMMON
VCE = 0.2V
INPUT OFF VOLTAGE VI(OFF) (V)
EMITTER COMMON
VCE = 5V
COLLECTOR CURRENT IC (mA)
COLLECTOR CURRENT IC (mA)
EMITTER COMMON
VCE = 5V
EMITTER COMMON
IC/IB = 20



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com