Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL8530 Datasheet(PDF) 4 Page - SHANGHAI BELLING CO., LTD.

Part # BL8530
Description  PFM STEP-UP DC/DC CONVERTER WITH HIGH EFFICIENCY AND LOW NOISE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8530 Datasheet(HTML) 4 Page - SHANGHAI BELLING CO., LTD.

  BL8530 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8530 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8530 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8530 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8530 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8530 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8530 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8530 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL8530 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.belling.com.cn
Ver1.0
4/14
BL8530
NOTE:
1、Diode:Schottky type, such as:1N5817,1N5819,1N5822
2、Inductor:27uH(R<0.5
Ω)
3、Capacitor:100uF(Tantalum type)
TYPICAL APPLICATIONS:
DETAILED DESCRIPTION
The BL8530 series are boost structure, voltage-type pulse-frequency modulation(PFM) step-up
DC-DC converter. Only three external components are necessary: an inductor, a output filter
capacitor and a schottky diode. And the converter’s low noise and low ripple output voltage can be
adjusted from 2.5V to 5.0V, 0.1V step. By using the depletion technics, the quiescent current drawn
from power source is lower than 7uA. The high efficiency device consists of resistors for output
voltage detection and trimming, a start-up voltage circuit, an oscillator, a reference circuit, a PFM
control circuit, a switch protection circuit and a driver transistor.
The PFM control circuit is the core of the BL8530 IC. This block controls power switch on duty
cycle to stabilize output voltage by calculating results of other blocks which sense input voltage,
output voltage, output current and load conditions. In PFM modulation system, the frequency and
pulse width is fixed. The duty cycle is adjusted by skipping pulses, so that switch on-time is changed
based on the conditions such as input voltage, output current and load. The oscillate block inside
BL8530 provides fixed frequency and pulse width wave.
The reference circuit provides stable reference voltage to output stable output voltage. Because
internal trimming technology is used, The chip output change less than ±2%. At the same time,the
problem of temperature-drift coefficient of output voltage is considered in design,
so
temperature-drift coefficient of output voltage is less than 100ppm/℃。
High-gain differential error amplifier guarantees stable output voltage at difference input voltage
and load. In order to reduce ripple and noise, the error amplifier is designed with high band-with.
Though at very low load condition, the quiescent current of chip do effect efficiency certainly.
The four main energy loss of Boost structure DC-DC converter in full load are the ESR of inductor,
the voltage of Schottky diode, on resistor of internal N-channel MOSFET and its driver. In order to
improve the efficiency, BL8530 integrates low on-resistor N-channel MOSFET and well design driver
circuits. The switch energy loss is limited at very low level.
SELECTION OF THE EXTERNAL COMPONENTS
Thus it can be seen, the inductor and schottky diode affect the conversion efficiency greatly.
The inductor and the capacitor also have great influence on the output voltage ripple of the converter.
So it is necessary to choose a suitable inductor, a capacitor and a right schottky diode, to obtain high
efficiency, low ripple and low noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com