Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL8530 Datasheet(PDF) 3 Page - SHANGHAI BELLING CO., LTD.

Part # BL8530
Description  PFM STEP-UP DC/DC CONVERTER WITH HIGH EFFICIENCY AND LOW NOISE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8530 Datasheet(HTML) 3 Page - SHANGHAI BELLING CO., LTD.

  BL8530 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8530 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8530 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8530 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8530 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8530 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8530 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8530 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL8530 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
www.belling.com.cn
Ver1.0
3/14
BL8530
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
Input voltage range
0.8
Vout
V
Inductor
10
27
100
µH
Input capacitor
0
≥
10
µF
Output capacitor
47
100
220
µF
Operating junction temperature
-20
85
℃
*Suggestion:
Use tantalum capacitor to reduce the ripple of the output voltage.
ELECTRICAL CHARACTERISTICS
REFERENCE DATA
SYMBOL
ITEM
TEST CONDITIONS
MIN
TYP.
MUM
UNIT
2.45
2.5
2.55
2.646
2.7
2.754
2.94
3.0
3.06
3.234
3.3
3.366
3.528
3.6
3.672
3.92
4.0
4.08
4.9
5.0
5.1
Vout
Output Voltage
5.88
6.0
6.12
V
Vin
Input Voltage
12
V
Iin
Input Current
Iout=0mA,
Vin=Vout*0.6
12
15
uA
Vstart
Start-up voltage
Iout=1mA,
Vin:0
→2V
0.8
0.9
V
Vhold
Hold-on voltage
Iout=1mA,
Vin:2
→0V
0.6
0.7
V
IDD
Quiescent
current drawn
from power
source
Without
external
components,
Vout
=Vout×1.05
4
7
uA
Rswon
Switch ON
Resistance
0.4
0.5
Ω
ILXleak
LX leakage
current
Vout=Vlx=6V
0.5
uA
VCEH
CE “H”
threshold
voltage
VCE:0→2V
0.6
0.9
V
VCEL
CE “H”
threshold
voltage
VCE: 2→0V
0.3
0.6
V
Fosc
Oscillator
frequency
LX on “L” side
Vout=Vout*0.96
300
350
400
Khz
Maxdty
Oscillator duty
cycle
On(Vlx“L”)side
70
75
80
%
η
Efficiency
85
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com