Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL8530 Datasheet(PDF) 8 Page - SHANGHAI BELLING CO., LTD.

Part # BL8530
Description  PFM STEP-UP DC/DC CONVERTER WITH HIGH EFFICIENCY AND LOW NOISE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8530 Datasheet(HTML) 8 Page - SHANGHAI BELLING CO., LTD.

Back Button BL8530 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8530 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8530 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8530 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8530 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL8530 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL8530 Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. BL8530 Datasheet HTML 11Page - SHANGHAI BELLING CO., LTD. BL8530 Datasheet HTML 12Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
www.belling.com.cn
Ver1.0
8/14
BL8530
TYPICAL CHARACTERISTIC:
(Recommended operating conditions: Cin=47uF, Cout=47uF, Topt=25
°C. unless otherwise noted)
1.Output Voltage VS. Output Current
2.Output Voltage VS. Output Current
BL8530-251SM Output Voltage VS. Output Current
1.95
2.05
2.15
2.25
2.35
2.45
2.55
0
50 100 150 200 250 300 350 400 450 500 550
Output Current(mA)
Vin=0.9V
Vin=1.0V
Vin=1.2V
Vin=1.5V
Vin=1.8V
Vin=2.0V
BL8530-331SM Output Voltage VS. Output Current
3
3.05
3.1
3.15
3.2
3.25
3.3
3.35
0
50 100 150 200 250 300 350 400 450 500
Output Current(mA)
Vin=0.9V
Vin=1.0V
Vin=1.2V
Vin=1.5V
Vin=1.8V
Vin=2.0V
Vin=2.5V
3.Output Voltage VS. Output Current
BL8530-401SM Output Voltage VS. Output Current
3.4
3.5
3.6
3.7
3.8
3.9
4
4.1
0
50
100 150 200 250 300 350 400 450 500
Output Current(mA)
Vin=0.9V
Vin=1.0V
Vin=1.2V
Vin=1.5V
Vin=1.8V
Vin=2.0V
Vin=2.5V
Vin=3.0V
4.Efficiency VS. Output Current
BL8530-251SM Efficiency VS. Output Current
0
10
20
30
40
50
60
70
80
90
0
50
100 150 200 250 300 350 400 450 500
Output Current(mA)
Vin=0.9V
Vin=1.0V
Vin=1.2V
Vin=1.5V
Vin=1.8V
Vin=2.0V
5.Efficiency VS. Output Current
6.Efficiency VS. Output Current
BL8530-331SM Efficiency VS. Output Current
0
10
20
30
40
50
60
70
80
90
0
50
100 150 200 250 300 350 400 450 500
Output Current(mA)
Vin=0.9V
Vin=1.0V
Vin=1.2V
Vin=1.5V
Vin=1.8V
Vin=2.0V
Vin=2.5V
BL8530-401SM Efficiency VS. Output Current
0
20
40
60
80
100
0
50
100 150 200 250 300 350 400 450 500
Output Current(mA)
Vin=0.9V
Vin=1.0V
Vin=1.2V
Vin=1.5V
Vin=1.8V
Vin=2.0V
Vin=2.5V
Vin=3.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com