Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS66/67WV51216DBLL Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS66/67WV51216DBLL
Description  8Mb LOW VOLTAGE, ULTRA LOW POWER PSEUDO CMOS STATIC RAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS66/67WV51216DBLL Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS66/67WV51216DBLL Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS66/67WV51216DBLL Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS66/67WV51216DBLL Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS66/67WV51216DBLL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS66/67WV51216DBLL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS66/67WV51216DBLL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS66/67WV51216DBLL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS66/67WV51216DBLL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS66/67WV51216DBLL Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Copyright © 2011 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time without notice. ISSI assumes no
liability arising out of the application or use of any information, products or services described herein. Customers are advised to obtain the latest version of this device specification before relying on
any published information and before placing orders for products.
Integrated Silicon Solution, Inc. does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can reasonably be expected to cause
failure of the life support system or to significantly affect its safety or effectiveness. Products are not authorized for use in such applications unless Integrated Silicon Solution, Inc. receives written
assurance to its satisfaction, that:
a.) the risk of injury or damage has been minimized;
b.) the user assume all such risks; and
c.) potential liability of Integrated Silicon Solution, Inc is adequately protected under the circumstances
IS66WV51216DALL
IS66/67WV51216DBLL
Integrated Silicon Solution, Inc. — www.issi.com
1
Rev.  A
06/28/2011
8Mb LOW VOLTAGE, 
ULTRA LOW POWER PSEUDO CMOS STATIC RAM  
           
FEATURES
• High-speed access time:
– 70ns (IS66WV51216DALL, IS66/67WV51216DBLL)
– 55ns (IS66/67WV51216DBLL)
• CMOS low power operation
• Single power supply
– Vdd = 1.7V-1.95V (IS66WV51216dALL)
– Vdd = 2.5V-3.6V (IS66/67WV51216dBLL)
• Three state outputs
• Data control for upper and lower bytes
• Industrial temperature available
• Lead-free available
DESCRIPTION
The
ISSIIS66WV51216DALLandIS66/67WV51216DBLL
are high-speed, 8M bit static RAMs organized as 512K
words by 16 bits. It is fabricated using
ISSI's high-
performanceCMOStechnology.Thishighlyreliableprocess
coupled with innovative circuit design techniques, yields
high-performance and low power consumption devices.
When CS1 is HIGH (deselected) or when CS2 is LOW
(deselected) or when CS1 is LOW, CS2 is HIGH and both
LB
and UB are HIGH, the device assumes a standby mode
at which the power dissipation can be reduced down with
CMOS input levels.
Easy memory expansion is provided by using Chip Enable
and Output Enable inputs. The active LOW Write Enable
(WE)
controls both writing and reading of the memory. A
data byte allows Upper Byte (UB) and Lower Byte (LB)
access.
The IS66WV51216DALL and IS66/67WV51216DBLL are
packaged in the JEDEC standard 48-ball mini BGA (6mm
x 8mm) and 44-Pin TSOP (TYPE II). The device is aslo
available for die sales.
FUNCTIONAL BLOCK DIAGRAM
JULY 2011
A0-A18
CS1
OE
WE
512K x 16
MEMORY ARRAY
DECODER
COLUMN I/O
CONTROL
CIRCUIT
GND
VDD
I/O
DATA
CIRCUIT
I/O0-I/O7
Lower Byte
I/O8-I/O15
Upper Byte
UB
LB
CS2


Similar Part No. - IS66/67WV51216DBLL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS66/67WVO16M8DALL ISSI-IS66/67WVO16M8DALL Datasheet
515Kb / 2P
Long-Term Support World Class Quality
Oct. 2021
IS66/67WVO16M8DBLL ISSI-IS66/67WVO16M8DBLL Datasheet
515Kb / 2P
Long-Term Support World Class Quality
Oct. 2021
IS66/67WVO16M8EDALL ISSI-IS66/67WVO16M8EDALL Datasheet
515Kb / 2P
Long-Term Support World Class Quality
Oct. 2021
IS66/67WVO16M8EDBLL ISSI-IS66/67WVO16M8EDBLL Datasheet
515Kb / 2P
Long-Term Support World Class Quality
Oct. 2021
IS66/67WVO32M8DALL ISSI-IS66/67WVO32M8DALL Datasheet
515Kb / 2P
Long-Term Support World Class Quality
Oct. 2021
More results

Similar Description - IS66/67WV51216DBLL

ManufacturerPart #DatasheetDescription
logo
Weida Semiconductor, In...
WCMC8016V9X WEIDA-WCMC8016V9X Datasheet
219Kb / 12P
8Mb (512K x 16) Pseudo Static RAM
logo
Integrated Circuit Solu...
IS62LV12816L ICSI-IS62LV12816L Datasheet
462Kb / 10P
128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62WV1288ALL ISSI-IS62WV1288ALL Datasheet
111Kb / 15P
128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV2568ALL ISSI-IS62WV2568ALL Datasheet
73Kb / 14P
256K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV51216ALL ISSI-IS62WV51216ALL Datasheet
129Kb / 16P
512K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
65WV2568DALL ISSI-65WV2568DALL Datasheet
493Kb / 14P
256K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS66WV1M16DALL ISSI-IS66WV1M16DALL Datasheet
607Kb / 15P
16Mb LOW VOLTAGE, ULTRA LOW POWER PSEUDO CMOS STATIC RAM
IS66WV51216ALL ISSI-IS66WV51216ALL Datasheet
500Kb / 16P
8Mb LOW VOLTAGE, ULTRA LOW POWER PSEUDO CMOS STATIC RAM
logo
List of Unclassifed Man...
IS66WV51216DBLL-55TLI ETC2-IS66WV51216DBLL-55TLI Datasheet
532Kb / 17P
8Mb LOW VOLTAGE, ULTRA LOW POWER PSEUDO CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS66WV1M16EALL ISSI-IS66WV1M16EALL Datasheet
643Kb / 15P
ULTRA LOW POWER PSEUDO CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com