Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6421 Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC6421
Description  囹곩뀯?삥탛?꿩?艅잒꺗餓섅걤 弱뤷엹300mA Dual 遙섌?LDO ?с궙?γ꺃?쇈궭
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6421 Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC6421 Datasheet HTML 7Page - Torex Semiconductor XC6421 Datasheet HTML 8Page - Torex Semiconductor XC6421 Datasheet HTML 9Page - Torex Semiconductor XC6421 Datasheet HTML 10Page - Torex Semiconductor XC6421 Datasheet HTML 11Page - Torex Semiconductor XC6421 Datasheet HTML 12Page - Torex Semiconductor XC6421 Datasheet HTML 13Page - Torex Semiconductor XC6421 Datasheet HTML 14Page - Torex Semiconductor XC6421 Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
11/25
XC6421
シリーズ
(1) OutputVoltage vs. OutputCurrent
XC6421(VOUT=1.2V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
50 100 150 200 250 300 350 400 450 500
OutputCurrent : IOUT (mA)
Ta=85℃
Ta=25℃
Ta=-40℃
V
IN=2.2V, CIN=1.0μF(ceramic), CL=1.0μF(ceramic)
XC6421(VOUT=1.2V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
50 100 150 200 250 300 350 400 450 500
OutputCurrent : IOUT (mA)
VIN=1.6V
VIN=2.2V
VIN=2.7V
VIN=5.5V
XC6421(VOUT=1.8V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
50 100 150 200 250 300 350 400 450 500
OutputCurrent : IOUT (mA)
VIN=1.9V
VIN=2.3V
VIN=2.8V
VIN=3.3V
VIN=5.5V
XC6421(VOUT=1.8V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
50 100 150 200 250 300 350 400 450 500
OutputCurrent : IOUT (mA)
Ta=85℃
Ta=25℃
Ta=-40℃
V
IN=2.8V, CIN=1.0μF(ceramic), CL=1.0μF(ceramic)
XC6421(VOUT=2.5V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
50 100 150 200 250 300 350 400 450 500
OutputCurrent : IOUT (mA)
VIN=2.6V
VIN=3V
VIN=3.5V
VIN=4V
VIN=5.5V
XC6421(VOUT=2.5V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
50 100 150 200 250 300 350 400 450 500
OutputCurrent : IOUT (mA)
Ta=85℃
Ta=25℃
Ta=-40℃
V
IN=3.5V, CIN=1.0μF(ceramic), CL=1.0μF(ceramic)
Ta=25℃
C
IN=1.0μF(ceramic), CL=1.0μF(ceramic)
Ta=25℃
C
IN=1.0μF(ceramic), CL=1.0μF(ceramic)
Ta=25℃
C
IN=1.0μF(ceramic), CL=1.0μF(ceramic)
■特性例



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com