Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6421 Datasheet(PDF) 16 Page - Torex Semiconductor

Part # XC6421
Description  囹곩뀯?삥탛?꿩?艅잒꺗餓섅걤 弱뤷엹300mA Dual 遙섌?LDO ?с궙?γ꺃?쇈궭
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6421 Datasheet(HTML) 16 Page - Torex Semiconductor

Back Button XC6421 Datasheet HTML 12Page - Torex Semiconductor XC6421 Datasheet HTML 13Page - Torex Semiconductor XC6421 Datasheet HTML 14Page - Torex Semiconductor XC6421 Datasheet HTML 15Page - Torex Semiconductor XC6421 Datasheet HTML 16Page - Torex Semiconductor XC6421 Datasheet HTML 17Page - Torex Semiconductor XC6421 Datasheet HTML 18Page - Torex Semiconductor XC6421 Datasheet HTML 19Page - Torex Semiconductor XC6421 Datasheet HTML 20Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
16/25
XC6421 シリーズ
(8) Rising Response Time
(9) Input Transient Response
XC6421(VOUT=1.2V)
-1.8
-0.8
0.2
1.2
2.2
3.2
4.2
Time (100μs/div)
1.17
1.18
1.19
1.20
1.21
1.22
1.23
IOUT=0.1mA
IOUT=1mA
IOUT=30mA
IOUT=100mA
Input Voltage
Output Voltage
V
IN=2.2V⇔3.2V, tr=tf=5μS, Ta=25℃
C
IN=0.1μF(ceramic), CL=1.0μF(ceramic)
XC6421(VOUT=1.8V)
-1.2
-0.2
0.8
1.8
2.8
3.8
4.8
Time (100μs/div)
1.77
1.78
1.79
1.80
1.81
1.82
1.83
IOUT=0.1mA
IOUT=1mA
IOUT=30mA
IOUT=100mA
Input Voltage
Output Voltage
V
IN=2.8V⇔3.8V, tr=tf=5μS, Ta=25℃
C
IN=0.1μF(ceramic), CL=1.0μF(ceramic)
XC6421(VOUT=1.2V)
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
Time (40μs/div)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
IOUT=0.1mA
IOUT=1mA
IOUT=30mA
IOUT=100mA
Input Voltage
Output Voltage
V
IN=0V→2.2V, tr=5μS, Ta=25℃
C
IN=0.1μF(ceramic), CL=1.0μF(ceramic)
XC6421(VOUT=1.8V)
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
Time (40μs/div)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
IOUT=0.1mA
IOUT=1mA
IOUT=30mA
IOUT=100mA
Input Voltage
Output Voltage
V
IN=0V→2.8V, tr=5μS, Ta=25℃
C
IN=0.1μF(ceramic), CL=1.0μF(ceramic)
XC6421(VOUT=2.5V)
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
Time (40μs/div)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
IOUT=0.1mA
IOUT=1mA
IOUT=30mA
IOUT=100mA
Input Voltage
V
IN=0V→3.5V, tr=5μS, Ta=25℃
C
IN=0.1μF(ceramic), CL=1.0μF(ceramic)
Output Voltage
XC6421(VOUT=3.6V)
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
Time (40μs/div)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
IOUT=0.1mA
IOUT=1mA
IOUT=30mA
IOUT=100mA
Input Voltage
Output Voltage
V
IN=0V→4.6V, tr=5μS, Ta=25℃
C
IN=0.1μF(ceramic), CL=1.0μF(ceramic)
■特性例



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com