Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STRH100N10 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STRH100N10
Description  Rad-Hard 100 V, 48 A N-channel Power MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRH100N10 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STRH100N10 Datasheet HTML 6Page - STMicroelectronics STRH100N10 Datasheet HTML 7Page - STMicroelectronics STRH100N10 Datasheet HTML 8Page - STMicroelectronics STRH100N10 Datasheet HTML 9Page - STMicroelectronics STRH100N10 Datasheet HTML 10Page - STMicroelectronics STRH100N10 Datasheet HTML 11Page - STMicroelectronics STRH100N10 Datasheet HTML 12Page - STMicroelectronics STRH100N10 Datasheet HTML 13Page - STMicroelectronics STRH100N10 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Electrical characteristics (curves)
STRH100N10
10/17
Doc ID 17486 Rev 6
4
Electrical characteristics (curves)
Figure 4.
Safe operating area
Figure 5.
Thermal impedance
Figure 6.
Output characteristics
Figure 7.
Transfer characteristics
Figure 8.
Gate charge vs gate-source voltage Figure 9.
Capacitance variations
1000
100
10
1
1
0
0.1
1
10
100
1000
Vds [V]
Tj=150°C
Tj=150°C
Tc=25°C
Tc=25°C
Single pulse
Single pulse
100µs
100µs
1ms
1ms
10ms
10ms
DC
DC
AM04952v2
AM04952v2
10
-5
10
-4
10
-3
10
-2
10
-1
tp(s)
10
-3
10
-2
K
0.2
0.05
0.02
0.01
0.1
Zth=k(Rthj-c+Rthc-s)
δ=tp/τ
tp
τ
Single pulse
δ=0.5
10
-1
0.07
HG0K
ID
0
VDS(V)
(A)
5
12.5
0
50
100
150
200
5V
6V
7V
VGS=12V
2.5
7.5
10
AM01494v1
C
0.1
VDS(V)
(pF)
1
1
100
10
Ciss
Coss
Crss
10
1000
VDS=25V, VGS=0
f=1MHz, TJ=25°C
AM01496v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com