Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STRH100N10 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STRH100N10
Description  Rad-Hard 100 V, 48 A N-channel Power MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRH100N10 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STRH100N10 Datasheet HTML 7Page - STMicroelectronics STRH100N10 Datasheet HTML 8Page - STMicroelectronics STRH100N10 Datasheet HTML 9Page - STMicroelectronics STRH100N10 Datasheet HTML 10Page - STMicroelectronics STRH100N10 Datasheet HTML 11Page - STMicroelectronics STRH100N10 Datasheet HTML 12Page - STMicroelectronics STRH100N10 Datasheet HTML 13Page - STMicroelectronics STRH100N10 Datasheet HTML 14Page - STMicroelectronics STRH100N10 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
STRH100N10
Electrical characteristics (curves)
Doc ID 17486 Rev 6
11/17
Figure 10.
Normalized BVDSS vs temperature
Figure 11.
Static drain-source on resistance
Figure 12.
Normalized gate threshold voltage
vs temperature
Figure 13.
Normalized on resistance vs
temperature
Figure 14.
Source drain-diode forward
characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com