Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA321 Datasheet(PDF) 60 Page - STMicroelectronics

Part # STA321
Description  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 56Page - STMicroelectronics STA321 Datasheet HTML 57Page - STMicroelectronics STA321 Datasheet HTML 58Page - STMicroelectronics STA321 Datasheet HTML 59Page - STMicroelectronics STA321 Datasheet HTML 60Page - STMicroelectronics STA321 Datasheet HTML 61Page - STMicroelectronics STA321 Datasheet HTML 62Page - STMicroelectronics STA321 Datasheet HTML 63Page - STMicroelectronics STA321 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 157 page
background image
CMOS power stage
STA321
60/157
Doc ID 15351 Rev 3
8
CMOS power stage
The CMOS half-bridge circuit of Figure 36 is a single channel analog output power stage.
There are three such output stages in the STA321, one for each of the outputs OUT1-3.
The switching mode is regulated by the logic circuit which ensures that the MOSFETs are
switched in such a way as to avoid (or minimize) conditions where both the PMOS and the
NMOS are conducting at the same time.
The input is a 1.8-V to 3.3-V level shifter followed by some combinational logic.
Figure 36.
CMOS half bridge block diagram
Table 24.
CMOS bridge signal descriptions
Pin Name
Direction
Description
FFX-ch
In
Digital audio signal coming from FFX block
Powerdown
In
Powerdown signal coming from the FFX block
Tristate
In
3-state signal from the FFX block
PopFree
In
Pop-free signal from the FFX block
Fault
Out
Short-circuit fault output feedback signal to digital core (active low)
Out
Out
Channel half-bridge analog output
VCC33/GND33
Supply
Pre-driver analog supply
VDD/GND
Supply
Digital core supply generated by internal regulator
VCCx/GNDx
Supply
Half-bridge power supply
Logic
Pop-free
OutN
Driver P
Driver N
Level
shifter
Enable
logic
Power
Vcc33
GND33
Fault
GND33
GND
GNDx
VDD VCC33
VCCx
PopFree
Tristate
FaultN
FFX-ch N
Powerdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com