Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA321 Datasheet(PDF) 81 Page - STMicroelectronics

Part # STA321
Description  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 Datasheet(HTML) 81 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 77Page - STMicroelectronics STA321 Datasheet HTML 78Page - STMicroelectronics STA321 Datasheet HTML 79Page - STMicroelectronics STA321 Datasheet HTML 80Page - STMicroelectronics STA321 Datasheet HTML 81Page - STMicroelectronics STA321 Datasheet HTML 82Page - STMicroelectronics STA321 Datasheet HTML 83Page - STMicroelectronics STA321 Datasheet HTML 84Page - STMicroelectronics STA321 Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 157 page
background image
STA321
Register description
Doc ID 15351 Rev 3
81/157
F
FXCFG1
Address:
0x00
Type:
RW
Reset:
0xD0
Description:
76
54
32
10
EA_STBY
CB_STBY
EA_TRIST
FFX_ULCK_PLL
CB_TRIST2
CB_TRIST1
CB_TRIST0
[7] EA_STBY
0: the external bridge is active
1: the external bridge is in standby mode
[6] CB_STBY
0: the bridge is active
1: the bridge is in standby mode
[5] EA_TRIST
0: normal behaviour
1: the external bridge is put in 3-state mode
[4:3] FFX_ULCK_PLL: behavior of the FFX modulator in the event of the PLL losing lock:
00: do nothing
01: FFX hard mute (equivalent to using pin MUTE)
10: FFX standby
11: FFX hard mute and noise-shaper reset
[2] CB_TRIST2
0: the bridge is active
1: force CMOS bridge OUT3 to 3-state
[1] CB_TRIST1
0: the bridge is active
1: force CMOS bridge OUT2 to 3-state
[0] CB_TRIST0
0: normal behaviour
1: force CMOS bridge OUT1 to 3-state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com