Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA321 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STA321
Description  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 10Page - STMicroelectronics STA321 Datasheet HTML 11Page - STMicroelectronics STA321 Datasheet HTML 12Page - STMicroelectronics STA321 Datasheet HTML 13Page - STMicroelectronics STA321 Datasheet HTML 14Page - STMicroelectronics STA321 Datasheet HTML 15Page - STMicroelectronics STA321 Datasheet HTML 16Page - STMicroelectronics STA321 Datasheet HTML 17Page - STMicroelectronics STA321 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 157 page
background image
Electrical specifications
STA321
14/157
Doc ID 15351 Rev 3
3.3
Electrical characteristics
Unless otherwise specified, the results in Table 6 below are given for the operating
conditions VCC =3.3 V, RL = 32 Ω, fMCLK = 12.288 MHz, Tamb = 25 °C and with the PLL set
to default conditions.
Table 6.
Electrical specifications
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
General
VOH
High output voltage, 1.8-V pads
-
1.4
-
-
V
High output voltage, 3.3-V pads
-
VVDDIO
- 0.15
--
VOL
Low output voltage, 1.8-V pads
IOL = 2 mA
--0.15
V
Low output voltage, 3.3-V pads
IOL = 2 mA
--0.15
Vhys
Schmitt trigger hysteresis, 3.3-V IO
-
-
0.4
-
V
RUP
Pull-up resistance
-
-
50
-
k
RDN
Pull-down resistance
-
-
50
-
k
ISTBYIO
Standby current, pins VDDIO1,2
Pin STBY = 3.3 V
CLKOUT disabled
-450
-
µA
IDDIO
Operating current, pins VDDIO1,2
-
-
3
-
mA
ISTBYL0
Standby current, pins VDD_REG1,2
Deep power-down,
VVDD_REG1,2 = 3.3 V
-450
-
µA
ISTBYL1
Standby current, pins VDD_REG1,2
Mild power-down,
VVDD_REG1,2 = 3.3 V
-2
-
mA
IDDL1
Operating current,
pins VDD_REG1,2
fMCLK = 12.288 MHz, Play
from SAI to CMOS bridge
and EAPWM, fADC = 48 kHz
on SAI_out, VAVDD = 3.3 V,
VVDD_REG1,2 = 3.3 V
-45
-
mA
ISTBYPD
Pre-drive supply current in standby,
pin VCC33
-
-
4.7
-
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com