Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7493 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA7493
Description  3-watt 3-watt dual BTL class-D audio amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7493 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA7493 Datasheet HTML 11Page - STMicroelectronics TDA7493 Datasheet HTML 12Page - STMicroelectronics TDA7493 Datasheet HTML 13Page - STMicroelectronics TDA7493 Datasheet HTML 14Page - STMicroelectronics TDA7493 Datasheet HTML 15Page - STMicroelectronics TDA7493 Datasheet HTML 16Page - STMicroelectronics TDA7493 Datasheet HTML 17Page - STMicroelectronics TDA7493 Datasheet HTML 18Page - STMicroelectronics TDA7493 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
TDA7493
Applications information
Doc ID 14570 Rev 6
15/30
5.5
Internal clock and external clock
The clock of the class-D amplifier can be generated internally or it can be synchronous with
the external clock. If two or more class-D amplifiers are used in the same system, it is better
to have all devices working at the same frequency. This is realized by using one TDA7493
as clock master and the others as slaves. All SYNCLK pins are connected together as
shown in Figure 8.
In master mode or with a single TDA7493, the output switching frequency is controlled by
the resistor connected to pin ROSC. The switching frequency is:
fSW = 10
6 / (R
OSC * 64 + 840)
where ROSC is in kΩ and fSW is in kHz.
In this configuration pin SYNCLK is an output whose frequency is also determined by ROSC:
fSYNCLK = 10
6 / (R
OSC * 32 + 420) = 2 * fSW
Note:
ROSC should be lower than 60 kΩ in master mode to avoid operating in error mode.
In slave mode, pin ROSC can be floating to force pin SYNCLK as input in order to accept the
master clock. The switching frequency in this mode is:
fSW = fSYNCLK / 2
Figure 8.
Master and slave modes
Table 9.
Master and slave mode
Mode
Pin ROSC
Pin SYNCLK
Master
ROSC < 60 kΩ
Output
Slave
Floating
Input
Master
Slave
ROSC
SYNCLK
SYNCLK
ROSC
Output
Input
TDA7493
TDA7493
COSC
100 nF
39 k
Ω
ROSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com