Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7493 Datasheet(PDF) 21 Page - STMicroelectronics

Part # TDA7493
Description  3-watt 3-watt dual BTL class-D audio amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7493 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TDA7493 Datasheet HTML 17Page - STMicroelectronics TDA7493 Datasheet HTML 18Page - STMicroelectronics TDA7493 Datasheet HTML 19Page - STMicroelectronics TDA7493 Datasheet HTML 20Page - STMicroelectronics TDA7493 Datasheet HTML 21Page - STMicroelectronics TDA7493 Datasheet HTML 22Page - STMicroelectronics TDA7493 Datasheet HTML 23Page - STMicroelectronics TDA7493 Datasheet HTML 24Page - STMicroelectronics TDA7493 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
TDA7493
Electrical characterization curves
Doc ID 14570 Rev 6
21/30
Figure 18.
THD vs frequency at 1 W
Figure 19.
Output frequency response at 1 W
Figure 20.
Crosstalk vs frequency at 1 W
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
20
20k
50
100
200
500
1k
2k
5k
10k
THD
(%)
Frequency
-5
+2
-4
-3
-2
-1
-0
+1
20
50k
50
100
200
500
1k
2k
5k
10k
20k
Ampl
(dB)
Frequency (Hz)
Crosstalk
(dB)
Frequency (Hz)
-120
+0
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20k
50
100
200
500
1k
2k
5k
10k
T
T
T
T
TT
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com