Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7493 Datasheet(PDF) 18 Page - STMicroelectronics

Part # TDA7493
Description  3-watt 3-watt dual BTL class-D audio amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7493 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TDA7493 Datasheet HTML 14Page - STMicroelectronics TDA7493 Datasheet HTML 15Page - STMicroelectronics TDA7493 Datasheet HTML 16Page - STMicroelectronics TDA7493 Datasheet HTML 17Page - STMicroelectronics TDA7493 Datasheet HTML 18Page - STMicroelectronics TDA7493 Datasheet HTML 19Page - STMicroelectronics TDA7493 Datasheet HTML 20Page - STMicroelectronics TDA7493 Datasheet HTML 21Page - STMicroelectronics TDA7493 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
Applications information
TDA7493
18/30
Doc ID 14570 Rev 6
5.8.1
Single-ended input application
To use the device with a single-ended source, one input is AC connected to ground (via a
capacitor) and the other input is connected to the audio source. This is designed as a fully
differential input. The input scheme is shown in Figure 12.
However, to avoid the start-up pop noise, it is important to equalize, as much as possible,
the charging currents in the positive and negative inputs. Any imbalance in these charging
currents will be amplified and result in the familiar turn-on pop.
Figure 12.
Single-ended input application
Since the input charging currents in the circuit of Figure 12 can be different it is necessary to
add two resistors, R0, as shown in the circuit of Figure 13. In this way the currents in the two
branches of the differential input are better balanced and this can lead to the elimination of
the turn-on pop noise.
Figure 13.
Anti-pop configuration for single-ended input application
GND
cin
cin
TDA7493
Input stage
-
+
OUTP
INP
INN
Rin
Rin
Rfb
Rfb
Cin
Cin
GND
Cin
Cin
TDA7493
Input stage
-
+
OUTP
INP
INN
Rin
Rin
Rfb
Rfb
R0
R0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com