Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4962 Datasheet(PDF) 19 Page - STMicroelectronics

Part # TS4962
Description  2.8 W filter-free mono class D audio power amplifier
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4962 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TS4962_10 Datasheet HTML 15Page - STMicroelectronics TS4962_10 Datasheet HTML 16Page - STMicroelectronics TS4962_10 Datasheet HTML 17Page - STMicroelectronics TS4962_10 Datasheet HTML 18Page - STMicroelectronics TS4962_10 Datasheet HTML 19Page - STMicroelectronics TS4962_10 Datasheet HTML 20Page - STMicroelectronics TS4962_10 Datasheet HTML 21Page - STMicroelectronics TS4962_10 Datasheet HTML 22Page - STMicroelectronics TS4962_10 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
TS4962
Electrical characteristics
Doc ID 10968 Rev 8
19/44
3.1
Electrical characteristics curves
The graphs shown in this section use the following abbreviations.
●
RL + 15 μH or 30 μH = pure resistor + very low series resistance inductor
●
Filter = LC output filter (1 µF + 30 µH for 4
Ω and 0. 5µF + 60 µH for 8 Ω)
All measurements are done with CS1 = 1 µF and CS2 = 100 nF (see Figure 2), except for the
PSRR where CS1 is removed (see Figure 3).
Figure 2.
Schematic used for test measurements
Figure 3.
Schematic used for PSSR measurements
In+
In-
Rin
150k
Rin
150k
Cin
Cin
GND
Vcc
+
Cs1
1uF
GND
Cs2
100nF
GND
RL
4 or 8 Ohms
15uH or 30uH
or
LC Filter
5th order
50kHz low pass
filter
Audio Measurement
Bandwidth < 30kHz
Out+
Out-
TS4962
In+
In-
Rin
150k
Rin
150k
4.7uF
4.7uF
GND
Cs2
100nF
GND
RL
4 or 8 Ohms
15uH or 30uH
or
LC Filter
5th order
50kHz low pass
filter
RMS Selective Measurement
Bandwidth=1% of Fmeas
Out+
Out-
TS4962
GND
5th order
50kHz low pass
filter
Reference
20Hz to 20kHz
Vcc
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com