Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4962 Datasheet(PDF) 41 Page - STMicroelectronics

Part # TS4962
Description  2.8 W filter-free mono class D audio power amplifier
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4962 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button TS4962_10 Datasheet HTML 36Page - STMicroelectronics TS4962_10 Datasheet HTML 37Page - STMicroelectronics TS4962_10 Datasheet HTML 38Page - STMicroelectronics TS4962_10 Datasheet HTML 39Page - STMicroelectronics TS4962_10 Datasheet HTML 40Page - STMicroelectronics TS4962_10 Datasheet HTML 41Page - STMicroelectronics TS4962_10 Datasheet HTML 42Page - STMicroelectronics TS4962_10 Datasheet HTML 43Page - STMicroelectronics TS4962_10 Datasheet HTML 44Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
TS4962
Package information
Doc ID 10968 Rev 8
41/44
Figure 71.
DFN8 3 x 3 exposed pad package mechanical drawing (pitch 0.65 mm)
Table 12.
DFN8 3 x 3 exposed pad package mechanical data (pitch 0.65 mm)
Note:
1
The pin 1 identifier must be visible on the top surface of the package by using an indentation
mark or other feature of the package body. Exact shape and size of this feature are optional.
2
The dimension L does not conform with JEDEC MO-248, which recommends
0.40+/-0.10 mm.
For enhanced thermal performance, the exposed pad must be soldered to a copper area on
the PCB, acting as a heatsink. This copper area can be electrically connected to pin 7 or left
floating.
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.50
0.60
0.65
0.020
0.024
0.026
A1
0.02
0.05
0.0008
0.002
A3
0.22
0.009
b
0.25
0.30
0.35
0.010
0.012
0.014
D
2.85
3.00
3.15
0.112
0.118
0.124
D2
1.60
1.70
1.80
0.063
0.067
0.071
E
2.85
3.00
3.15
0.112
0.118
0.124
E2
1.10
1.20
1.30
0.043
0.047
0.051
e
0.65
0.026
L
0.50
0.55
0.60
0.020
0.022
0.024
ddd
0.08
0.003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com