Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4962 Datasheet(PDF) 22 Page - STMicroelectronics

Part # TS4962
Description  2.8 W filter-free mono class D audio power amplifier
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4962 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TS4962_10 Datasheet HTML 18Page - STMicroelectronics TS4962_10 Datasheet HTML 19Page - STMicroelectronics TS4962_10 Datasheet HTML 20Page - STMicroelectronics TS4962_10 Datasheet HTML 21Page - STMicroelectronics TS4962_10 Datasheet HTML 22Page - STMicroelectronics TS4962_10 Datasheet HTML 23Page - STMicroelectronics TS4962_10 Datasheet HTML 24Page - STMicroelectronics TS4962_10 Datasheet HTML 25Page - STMicroelectronics TS4962_10 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
Electrical characteristics
TS4962
22/44
Doc ID 10968 Rev 8
Figure 16.
PSRR vs. frequency
Figure 17.
PSRR vs. frequency
100
1000
10000
-80
-70
-60
-50
-40
-30
-20
-10
0
Vcc=5V, 3.6V, 2.5V
20k
20
Vripple = 200mVpp
Inputs = Grounded
G = 6dB, Cin = 4.7
μF
RL = 4
Ω + Filter
ΔR/R≤0.1%
Tamb = 25
°C
Frequency (Hz)
100
1000
10000
-80
-70
-60
-50
-40
-30
-20
-10
0
Vcc=5V, 3.6V, 2.5V
20k
20
Vripple = 200mVpp
Inputs = Grounded
G = 6dB, Cin = 4.7
μF
RL = 8
Ω + 15μH
ΔR/R≤0.1%
Tamb = 25
°C
Frequency (Hz)
Figure 18.
PSRR vs. frequency
Figure 19.
PSRR vs. frequency
100
1000
10000
-80
-70
-60
-50
-40
-30
-20
-10
0
Vcc=5V, 3.6V, 2.5V
20k
20
Vripple = 200mVpp
Inputs = Grounded
G = 6dB, Cin = 4.7
μF
RL = 8
Ω + 30μH
ΔR/R≤0.1%
Tamb = 25
°C
Frequency (Hz)
100
1000
10000
-80
-70
-60
-50
-40
-30
-20
-10
0
Vcc=5V, 3.6V, 2.5V
20k
20
Vripple = 200mVpp
Inputs = Grounded
G = 6dB, Cin = 4.7
μF
RL = 8
Ω + Filter
ΔR/R≤0.1%
Tamb = 25
°C
Frequency (Hz)
Figure 20.
PSRR vs. common mode input voltage Figure 21.
CMRR vs. frequency
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-80
-70
-60
-50
-40
-30
-20
-10
0
Vcc=3.6V
Vcc=2.5V
Vcc=5V
Vripple = 200mVpp
F = 217Hz, G = 6dB
RL
≥ 4Ω + ≥ 15μH
Tamb = 25
°C
Common Mode Input Voltage (V)
100
1000
10000
-60
-40
-20
0
Vcc=5V, 3.6V, 2.5V
RL=4
Ω + 15μH
G=6dB
ΔVicm=200mVpp
ΔR/R≤0.1%
Cin=4.7
μF
Tamb = 25
°C
20k
20
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com