Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA2500D Datasheet(PDF) 7 Page - STMicroelectronics

Part # STA2500D
Description  Bluetooth??V2.1 EDR ("Lisbon") for automotive applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2500D Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STA2500D_10 Datasheet HTML 3Page - STMicroelectronics STA2500D_10 Datasheet HTML 4Page - STMicroelectronics STA2500D_10 Datasheet HTML 5Page - STMicroelectronics STA2500D_10 Datasheet HTML 6Page - STMicroelectronics STA2500D_10 Datasheet HTML 7Page - STMicroelectronics STA2500D_10 Datasheet HTML 8Page - STMicroelectronics STA2500D_10 Datasheet HTML 9Page - STMicroelectronics STA2500D_10 Datasheet HTML 10Page - STMicroelectronics STA2500D_10 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
STA2500D
Quick reference data
Doc ID 16067 Rev 2
7/58
2
Quick reference data
BT_VIO_x means BT_VIO_A, BT_VIO_B.
BT_HVx means BT_HVA, BT_HVD.
(See also Table 12.)
2.1
Absolute maximum ratings
The absolute maximum rating (AMR) corresponds to the maximum value that can be
applied without leading to instantaneous or very short-term unrecoverable hard failure
(destructive breakdown).
2.2
Operating ranges
Operating ranges define the limits for functional operation and parametric characteristics of
the device. Functionality outside these limits is not implied.
Table 1.
Absolute maximum ratings
Symbol
Parameter
Min.
Max.
Unit
BT_HVx
Core supply voltages
-0.3
4.0
V
BT_VIO_A Supply voltage I/O
-0.3
4.0
V
BT_VIO_B Supply voltage I/O (for the low power clock)
-0.3
4.0
V
BT_Vin
Input voltage of any digital pin
-0.3
4.0
V
Vssdiff
Maximum voltage difference between different types of
Vss pins.
-0.3
0.3
V
Tstg
Storage temperature
- 65
+ 150
°C
Table 2.
Operating ranges
Symbol
Parameter
Min.
Typ.
Max.
Unit
BT_Tamb
Operating ambient temperature
-40
25
+85
°C
BT_HVx
Core supply voltages
2.65
2.75
2.85
V
BT_VIO_A
I/O supply voltage
1.65
-
2.85
V
BT_VIO_B
I/O supply voltage (for the low power clock)
1.17
-
2.85
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com