Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA2500D Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA2500D
Description  Bluetooth??V2.1 EDR ("Lisbon") for automotive applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2500D Datasheet(HTML) 1 Page - STMicroelectronics

  STA2500D_10 Datasheet HTML 1Page - STMicroelectronics STA2500D_10 Datasheet HTML 2Page - STMicroelectronics STA2500D_10 Datasheet HTML 3Page - STMicroelectronics STA2500D_10 Datasheet HTML 4Page - STMicroelectronics STA2500D_10 Datasheet HTML 5Page - STMicroelectronics STA2500D_10 Datasheet HTML 6Page - STMicroelectronics STA2500D_10 Datasheet HTML 7Page - STMicroelectronics STA2500D_10 Datasheet HTML 8Page - STMicroelectronics STA2500D_10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
January 2010
Doc ID 16067 Rev 2
1/58
1
STA2500D
Bluetooth™ V2.1 + EDR ("Lisbon") for automotive applications
Features
■ Based on Ericsson technology licensing
baseband core (EBC)
■ Bluetooth™ specification compliance:
V2.1 + EDR (“Lisbon”)
– Point-to-point, point-to-multipoint (up to 7
slaves) and scatternet capability
– Support ACL and SCO links
– Extended SCO (eSCO) links
– Faster connection
■ HW support for packet types
– ACL: DM1, DM3, DM5, DH1, DH3, DH5, 2-
DH1, 2-DH3, 2-DH5, 3-DH1, 3-DH3, 3-DH5
– SCO: HV1, HV3 and DV
– eSCO: EV3, EV4, EV5, 2-EV3, 2-EV5, 3-
EV3, 3-EV5
■ Adaptive frequency hopping (AFH)
■ Channel quality driven data rate (CQDDR)
■ “Lisbon” features
– Encryption pause/resume (EPR)
– Extended inquiry response (EIR)
– Link supervision time out (LSTO)
– Secure simple pairing
– Sniff subrating
– Quality of service (QoS)
Packet boundary flag
Erroneous data delivery
■ Transmit power
– Power class 2 and power class 1.5 (above
4 dBm)
– Programmable output power
– Power class 1 compatible
■ HCI
– HCI H4 and enhanced H4 transport layer
– HCI proprietary commands (e.g.
peripherals control)
– Single HCI command for patch/upgrade
download
– eSCO over HCI supported
■ Supports pitch-period error concealment (PPEC)
■ Efficient and flexible support for WLAN
coexistence scenarios
■ Low power consumption
– Ultra low power architecture with 3 different
low-power levels
– Deep sleep modes, including host-power
saving feature
– Dual wake-up mechanism: initiated by the
host or by the Bluetooth device
■ Communication interfaces
– Fast UART up to 4 MHz
– Flexible SPI interface up to 13 MHz
– PCM interface
– Up to 10 additional flexibly programmable
GPIOs
– External interrupts possible through the
GPIOs
–Fast I2C interface as master
■ Clock support
– System clock input (digital or sine wave) at
9.6, 10, 13, 16, 16.8, 19.2, 26, 33.6 or 38.4 MHz
– Low power clock input at 3.2 kHz, 32 kHz
and 32.768 kHz
■ ARM7TDMI CPU
■ Memory organization
– On chip RAM, including provision for
patches
– On chip ROM, preloaded with SW up to
HCI
■ Ciphering support up to 128-bit key
■ Single power supply with internal regulators for
core voltage generation
■ Supports 1.65 V to 2.85 V I/O systems
■ Auto calibration (VCO, filters)
LFBGA48 (6x6x1.4mm; 0.8mm Pitch)
www.st.com


Similar Part No. - STA2500D_10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA2500DTR STMICROELECTRONICS-STA2500DTR Datasheet
586Kb / 57P
Bluetooth??V2.1 EDR ("Lisbon") for automotive applications
24-Jul-2009
More results

Similar Description - STA2500D_10

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM1200-BTEM BOARDCOM-BCM1200-BTEM_07 Datasheet
377Kb / 2P
BLUETOOTH V2.1 COMMUNICATIONS SOFTWARE FOR MOBILE PHONES
logo
STMicroelectronics
STLC2592 STMICROELECTRONICS-STLC2592 Datasheet
206Kb / 5P
Bluetooth V2.1(a) EDR and RDS FM radio combo solution
15-Jan-2007
STA2500D STMICROELECTRONICS-STA2500D Datasheet
586Kb / 57P
Bluetooth??V2.1 EDR ("Lisbon") for automotive applications
24-Jul-2009
logo
Texas Instruments
CC2560-PAN1315 TI1-CC2560-PAN1315 Datasheet
43Kb / 2P
Bluetooth짰 v2.1 Enhanced Data Rate (EDR) Module
logo
Panasonic Semiconductor
PAN1310-HCI-2.1 PANASONIC-PAN1310-HCI-2.1 Datasheet
358Kb / 2P
Bluetooth V2.1 HCI Module
logo
STMicroelectronics
SPBT2532C2.AT2 STMICROELECTRONICS-SPBT2532C2.AT2 Datasheet
561Kb / 27P
Bluetooth V2.1 EDR module class 2 embedding SPP and AT commands
18-Jul-2012
logo
List of Unclassifed Man...
WT41-A ETC2-WT41-A Datasheet
1Mb / 49P
Fully Qualified Bluetooth v2.1 EDR end product
logo
DB Lectro Inc
BCD110V3 DBLECTRO-BCD110V3 Datasheet
683Kb / 2P
Bluetooth v2.0EDR specification
BCD210 DBLECTRO-BCD210 Datasheet
375Kb / 2P
Bluetooth v2.0 EDR specification
logo
Cypress Semiconductor
CYW20715 CYPRESS-CYW20715 Datasheet
3Mb / 47P
Bluetooth 4.0 EDR compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com