Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA2500D Datasheet(PDF) 46 Page - STMicroelectronics

Part # STA2500D
Description  Bluetooth??V2.1 EDR ("Lisbon") for automotive applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2500D Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STA2500D_10 Datasheet HTML 42Page - STMicroelectronics STA2500D_10 Datasheet HTML 43Page - STMicroelectronics STA2500D_10 Datasheet HTML 44Page - STMicroelectronics STA2500D_10 Datasheet HTML 45Page - STMicroelectronics STA2500D_10 Datasheet HTML 46Page - STMicroelectronics STA2500D_10 Datasheet HTML 47Page - STMicroelectronics STA2500D_10 Datasheet HTML 48Page - STMicroelectronics STA2500D_10 Datasheet HTML 49Page - STMicroelectronics STA2500D_10 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 58 page
background image
Digital interfaces
STA2500D
46/58
Doc ID 16067 Rev 2
7.4
The JTAG interface
The JTAG interface is compliant with the JTAG IEEE Standard 1149.1. It allows both the
boundary scan of the digital pins and the debug of the ARM7TDMI application when
connected with the standard ARM7 developments tools. It is also used for the industrial test
of the device. The JTAG interface is available through the following 5 pins: BT_GPIO_8,
BT_GPIO_9, BT_GPIO_10, BT_GPIO_11 and BT_GPIO_16.
7.5
Alternate I/O functions
The STA2500D has 10 additional general purpose pins on top of the 4 PCM pins, the 4
UART pins and BT_CLK_REQ_OUT_1 that can also be reconfigured. They are fully
programmable via specific HCI commands. They can be configured as input, output,
interrupt with asynchronous or synchronous edge or level detection and/or wake-up.
The alternative functions are:
●
Wake-up by the Host in Deep Sleep mode through UART or SPI with handshake (see
Section : Deep sleep mode entry and wake-up through H4 UART or H4 SPI with
handshake)
●
WLAN coexistence control
●
I2C interface
●
PCM synchronization
●
GPIOs
●
UART / SPI interface
●
external driver/LNA control for Class 1 operation.
19 pins can be redefined by SW to perform other functions. Pin BT_HOST_WAKEUP e.g.
can be redefined to perform up to 7 functions, depending on SW settings.
4 exemplary combinations of pin programmings are given in Table 28. The available
functions are
●
ex. 1: UART + I2C + Class 1 control
●
ex. 2: UART + WLAN + Class 1 control
●
ex. 3: SPI + WLAN + Class 1 control
●
ex. 4: SPI + WLAN + I2C + Class 1 control
(The complete list of alternate functions is available upon request).
Table 28.
Examples of BT_GPIO pin programming
STA2500D Pin Name
ex. 1
ex. 2
ex. 3
ex. 4
BT_UART_RXD/BT_SPI_DI
UART_RXD
UART_RXD
SPI_DI
SPI_DI
BT_UART_TXD/BT_SPI_DO
UART_TXD
UART_TXD
SPI_DO
SPI_DO
BT_UART_CTS/BT_SPI_CLK
UART_CTS
UART_CTS
SPI_CLK
SPI_CLK
BT_UART_RTS/BT_SPI_CSN
UART_RTS
UART_RTS
SPI_CS
SPI_CS
BT_PCM_CLK
PCM_CLK
PCM_CLK
PCM_CLK
PCM_CLK
BT_PCM_SYNC
PCM_SYNC
PCM_SYNC
PCM_SYNC
PCM_SYNC
BT_PCM_A
PCM_A
PCM_A
PCM_A
PCM_A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com