Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29AS008J Datasheet(PDF) 30 Page - SPANSION

Part # S29AS008J
Description  8 Megabit (1M x 8-Bit / 512K x 16-Bit) CMOS 1.8 Volt-Only Boot Sector Flash Memory
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AS008J Datasheet(HTML) 30 Page - SPANSION

Back Button S29AS008J Datasheet HTML 26Page - SPANSION S29AS008J Datasheet HTML 27Page - SPANSION S29AS008J Datasheet HTML 28Page - SPANSION S29AS008J Datasheet HTML 29Page - SPANSION S29AS008J Datasheet HTML 30Page - SPANSION S29AS008J Datasheet HTML 31Page - SPANSION S29AS008J Datasheet HTML 32Page - SPANSION S29AS008J Datasheet HTML 33Page - SPANSION S29AS008J Datasheet HTML 34Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 55 page
background image
30
S29AS008J
S29AS008J_00_09 November 9, 2011
Da ta
Sh e e t
Figure 10.1 Program Operation
Note
See Table 11.1 on page 33 for program command sequence.
10.7
Chip Erase Command Sequence
Chip erase is a six bus cycle operation. The chip erase command sequence is initiated by writing two unlock
cycles, followed by a set-up command. Two additional unlock write cycles are then followed by the chip erase
command, which in turn invokes the Embedded Erase algorithm. The device does not require the system to
preprogram prior to erase. The Embedded Erase algorithm automatically preprograms and verifies the entire
memory for an all zero data pattern prior to electrical erase. The system is not required to provide any
controls or timings during these operations. Table 11.1 on page 33 shows the address and data requirements
for the chip erase command sequence.
Any commands written to the chip during the Embedded Erase algorithm are ignored. Note that a hardware
reset during the chip erase operation immediately terminates the operation. The Chip Erase command
sequence should be reinitiated once the device has returned to reading array data, to ensure data integrity.
The system can determine the status of the erase operation by using DQ7, DQ6, DQ2, or RY/BY#. See Write
Operation Status on page 35 for information on these status bits. When the Embedded Erase algorithm is
complete, the device returns to reading array data and addresses are no longer latched.
Figure 10.2 on page 32 illustrates the algorithm for the erase operation. See Erase/Program Operations
on page 46 for parameters, and Figure 18.6 on page 47 for timing diagrams.
START
Write Program
Command Sequence
Data Poll
from System
Verify Data?
No
Yes
Last Address?
No
Yes
Programming
Completed
Increment Address
Embedded
Program
algorithm
in progress



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com