Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29AS008J Datasheet(PDF) 18 Page - SPANSION

Part # S29AS008J
Description  8 Megabit (1M x 8-Bit / 512K x 16-Bit) CMOS 1.8 Volt-Only Boot Sector Flash Memory
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AS008J Datasheet(HTML) 18 Page - SPANSION

Back Button S29AS008J Datasheet HTML 14Page - SPANSION S29AS008J Datasheet HTML 15Page - SPANSION S29AS008J Datasheet HTML 16Page - SPANSION S29AS008J Datasheet HTML 17Page - SPANSION S29AS008J Datasheet HTML 18Page - SPANSION S29AS008J Datasheet HTML 19Page - SPANSION S29AS008J Datasheet HTML 20Page - SPANSION S29AS008J Datasheet HTML 21Page - SPANSION S29AS008J Datasheet HTML 22Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 55 page
background image
18
S29AS008J
S29AS008J_00_09 November 9, 2011
Da ta
Sh e e t
Note
Address range is A18:A-1 in byte mode and A18:A0 in word mode. See the Word/Byte Configuration on page 14.
Table 7.4 Sector Address Tables (Bottom Boot Device)
Sector
A18
A17
A16
A15
A14
A13
A12
Sector Size
(Kbytes/
Kwords)
Address Range (in hexadecimal)
Byte Mode (x8)
Word Mode (x16)
SA0
0
0
0
0
0
0
0
8/4
00000–01FFF
00000–00FFF
SA1
0
0
0
0
0
0
1
8/4
02000–03FFF
01000–01FFF
SA2
0
0
0
0
0
1
0
8/4
04000–05FFF
02000–02FFF
SA3
0
0
0
0
0
1
1
8/4
06000–07FFF
03000–03FFF
SA4
0
0
0
0
1
0
0
8/4
08000–09FFF
04000–04FFF
SA5
0
0
0
0
1
0
1
8/4
0A000–0BFFF
05000–05FFF
SA6
0
0
0
0
1
1
0
8/4
0C000–0DFFF
06000–06FFF
SA7
0
0
0
0
1
1
1
8/4
0E000–0FFFF
07000–07FFF
SA8
0
0
0
1
X
X
X
64/32
10000–1FFFF
08000–0FFFF
SA9
0
0
1
0
X
X
X
64/32
20000–2FFFF
10000–17FFF
SA10
0
0
1
1
X
X
X
64/32
30000–3FFFF
18000–1FFFF
SA11
0
1
0
0
X
X
X
64/32
40000–4FFFF
20000–27FFF
SA12
0
1
0
1
X
X
X
64/32
50000–5FFFF
28000–2FFFF
SA13
0
1
1
0
X
X
X
64/32
60000–6FFFF
30000–37FFF
SA14
0
1
1
1
X
X
X
64/32
70000–7FFFF
38000–3FFFF
SA15
1
0
0
0
X
X
X
64/32
80000–8FFFF
40000–47FFF
SA16
1
0
0
1
X
X
X
64/32
90000–9FFFF
48000–4FFFF
SA17
1
0
1
0
X
X
X
64/32
A0000–AFFFF
50000–57FFF
SA18
1
0
1
1
X
X
X
64/32
B0000–BFFFF
58000–5FFFF
SA19
1
1
0
0
X
X
X
64/32
C0000–CFFFF
60000–67FFF
SA20
1
1
0
1
X
X
X
64/32
D0000–DFFFF
68000–6FFFF
SA21
1
1
1
0
X
X
X
64/32
E0000–EFFFF
70000–77FFF
SA22
1
1
1
1
X
X
X
64/32
F0000–FFFFF
78000–7FFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com