Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH2003C-Y Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH2003C-Y
Description  Automotive high efficiency ultrafast diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH2003C-Y Datasheet(HTML) 1 Page - STMicroelectronics

  STTH2003C-Y Datasheet HTML 1Page - STMicroelectronics STTH2003C-Y Datasheet HTML 2Page - STMicroelectronics STTH2003C-Y Datasheet HTML 3Page - STMicroelectronics STTH2003C-Y Datasheet HTML 4Page - STMicroelectronics STTH2003C-Y Datasheet HTML 5Page - STMicroelectronics STTH2003C-Y Datasheet HTML 6Page - STMicroelectronics STTH2003C-Y Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
This is information on a product in full production.
October 2012
Doc ID 022396 Rev 1
1/7
7
STTH2003C-Y
Automotive high efficiency ultrafast diode
Datasheet
production data
Features
■ High junction temperature
■ Combines highest recovery and reverse
voltage performance
■ Ultrafast, soft and noise-free recovery
■ AEC-Q101 qualified
Description
This dual center tap rectifier is suited for switch
mode power supplies and high frequency DC to
DC converters.
Packaged in D2PAK, this device is intended for
use in low voltage, high frequency inverters, free
wheeling and polarity protection for automotive
applications.
Table 1.
Device summary
IF(AV)
2 x 10 A
VRRM
300 V
Tj (max)
175 °C
VF(max)
1 V
trr (max)
40 ns
A1
A2
K
A1
K
A2
D2PAK
STTH2003CGY-TR
www.st.com


Similar Part No. - STTH2003C-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH2003C STMICROELECTRONICS-STTH2003C Datasheet
145Kb / 11P
Hight frequency secondary rectifier
26-Mar-2007
STTH2003CF STMICROELECTRONICS-STTH2003CF Datasheet
132Kb / 8P
HIGH FREQUENCY SECONDARY RECTIFIER
Aug-2003
STTH2003CF STMICROELECTRONICS-STTH2003CF Datasheet
145Kb / 11P
Hight frequency secondary rectifier
26-Mar-2007
STTH2003CFP STMICROELECTRONICS-STTH2003CFP Datasheet
132Kb / 8P
HIGH FREQUENCY SECONDARY RECTIFIER
Aug-2003
STTH2003CFP STMICROELECTRONICS-STTH2003CFP Datasheet
145Kb / 11P
Hight frequency secondary rectifier
26-Mar-2007
More results

Similar Description - STTH2003C-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH102 STMICROELECTRONICS-STTH102 Datasheet
106Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
21-Nov-2006
STTH152 STMICROELECTRONICS-STTH152 Datasheet
42Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Nov-2001
STTH3002 STMICROELECTRONICS-STTH3002 Datasheet
101Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
Feb-2004
STTH2L06 STMICROELECTRONICS-STTH2L06 Datasheet
86Kb / 8P
HIGH EFFICIENCY ULTRAFAST DIODE
07-Sep-2004
STTH1302CT STMICROELECTRONICS-STTH1302CT_03 Datasheet
116Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
Oct-2003
STTH102-Y STMICROELECTRONICS-STTH102-Y Datasheet
101Kb / 7P
Automotive high efficiency ultrafast diode
07-Nov-2011
STTH1002C-Y STMICROELECTRONICS-STTH1002C-Y Datasheet
122Kb / 10P
Automotive high efficiency ultrafast diode
03-Nov-2011
BYT01400 STMICROELECTRONICS-BYT01400 Datasheet
51Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Oct-2001
BYT03-400 STMICROELECTRONICS-BYT03-400 Datasheet
53Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Oct-2001
STTH1602C-Y STMICROELECTRONICS-STTH1602C-Y Datasheet
461Kb / 11P
Automotive high efficiency ultrafast diode
04-Dec-2017
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com