Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF2139D Datasheet(PDF) 4 Page - RF Monolithics, Inc

Part # SF2139D
Description  177.0 MHz SAW Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2139D Datasheet(HTML) 4 Page - RF Monolithics, Inc

  SF2139D Datasheet HTML 1Page - RF Monolithics, Inc SF2139D Datasheet HTML 2Page - RF Monolithics, Inc SF2139D Datasheet HTML 3Page - RF Monolithics, Inc SF2139D Datasheet HTML 4Page - RF Monolithics, Inc SF2139D Datasheet HTML 5Page - RF Monolithics, Inc SF2139D Datasheet HTML 6Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.RFM.com E-mail: info@rfm.com
Page 4 of 6
©2009 by RF Monolithics, Inc.
SF2139D - 7/9/09
PCB:
401-1720-002
L1:
501-0782-121
0805CS, 120 nH
L2:
501-0782-101
0805CS, 100 nH
C1:
500-1275-068
0805CS, 6.8 pF
C2:
500-1275-150
0805CS, 15 pF
CH1
S2 1
DEL
1 00 ns/
REF 3 05 .1 n s
Co r
Smo
CH2
S2 1
L OG
1 dB/
REF -7 dB
CE NTER
177 . 00 0
0 00
MHz
SPA N
10 0 . 0 00
000
MHz
Co r
6 Mar 2009 11:31:25
2
3
3:-8 . 3 92 4
ns
20 . 00 0
0 00
MHz
REF=2
CH1
Markers
me an
: 30 7 . 9 4
n s
s . d ev
: 3 . 10 23
ns
p-p
: 13 . 51 9
n s
2
3
3 : . 147 70
dB
20 . 000
000
MHz
REF=2
CH2
Markers
mean
: -7 . 48 82
dB
s . dev
: . 21220
dB
p-p
: . 936 10
d B
SF21 39D BIAS+0. 5UM'S
Full
Full
SF2139D
Demo
1
2
34
5
6
S11
S22
C1
L1
L2
C2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com