Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF2139D Datasheet(PDF) 6 Page - RF Monolithics, Inc

Part # SF2139D
Description  177.0 MHz SAW Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2139D Datasheet(HTML) 6 Page - RF Monolithics, Inc

  SF2139D Datasheet HTML 1Page - RF Monolithics, Inc SF2139D Datasheet HTML 2Page - RF Monolithics, Inc SF2139D Datasheet HTML 3Page - RF Monolithics, Inc SF2139D Datasheet HTML 4Page - RF Monolithics, Inc SF2139D Datasheet HTML 5Page - RF Monolithics, Inc SF2139D Datasheet HTML 6Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.RFM.com E-mail: info@rfm.com
Page 6 of 6
©2009 by RF Monolithics, Inc.
SF2139D - 7/9/09
6-Terminal Ceramic Surface-Mount Case
3.8 X 3.8 mm Nominal Footprint
Case Dimensions
Dimension
mm
Inches
Min
Nom
Max
Min
Nom
Max
A
3.60
3.80
4.0
0.14
0.15
0.16
B
3.60
3.80
4.0
0.14
0.15
0.16
C
1.30
1.50
1.70
0.05
0.06
0.067
D
0.95
1.10
1.25
0.037
0.043
0.05
E
2.39
2.54
2.69
0.090
0.10
0.110
G
0.90
1.0
1.10
0.035
0.04
0.043
H
1.90
2.0
2.10
0.75
0.08
0.83
I
0.50
0.6
0.70
0.020
0.024
0.028
J
1.70
1.8
1.90
0.067
0.07
0.075
Electrical Connections
Connection
Terminals
Port 1
Single-ended Input
2
Port 2
Single-ended Output
5
Ground
All others
Single-ended Operation Only
Dot indicates Pin 1
Materials
Solder Pad
Plating
0.3 to 1.0 µm Gold over 1.27 to 8.89 µm Nickel
Lid Plating
2.0 to 3.0 µm Nickel
Body
Al2O3 Ceramic
Pb Free
SM3838-6 Case
TOP VIEW
BOTTOM VIEW
0.055 TYP.
(1.40)
0.036
(0.91)
0.066
(1.68)
0.176 REF.
(4.47)
PCB Footprint
1
2
3
6
5
4
1
2
3
6
5
4
A
BC
D
J
E
GH
I



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com