Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF2139D Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # SF2139D
Description  177.0 MHz SAW Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2139D Datasheet(HTML) 1 Page - RF Monolithics, Inc

  SF2139D Datasheet HTML 1Page - RF Monolithics, Inc SF2139D Datasheet HTML 2Page - RF Monolithics, Inc SF2139D Datasheet HTML 3Page - RF Monolithics, Inc SF2139D Datasheet HTML 4Page - RF Monolithics, Inc SF2139D Datasheet HTML 5Page - RF Monolithics, Inc SF2139D Datasheet HTML 6Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.RFM.com E-mail: info@rfm.com
Page 1 of 6
©2009 by RF Monolithics, Inc.
SF2139D - 7/9/09
SM3838-6
• Low Insertion Loss
• 3.8 X 3.8 X 1.0 mm Surface Mount Case
• Complies with Directive 2002/95/EC (RoHS)
Absolute Maximum Ratings
Rating
Value
Units
Maximum Incident Power in Passband
+10
dBm
Maximum DC Voltage Between any Two Terminals
30
VDC
Storage Temperature Range in Tape and Reel
-40 to +85
°C
Suitable for Lead-free Soldering - Maximum Soldering Profile
260 °C for 30 s
177.0 MHz
SAW Filter
SF2139D
1.
Unless noted otherwise, all specifications apply over the operating temperature range with filter soldered to the specified demonstration board with impedance
matching to 50
Ω and measured with 50 Ω network analyzer.
2.
Unless noted otherwise, all frequency specifications are referenced to the nominal center frequency, fc.
3.
Rejection is measured as attenuation below the minimum IL point in the passband. Rejection in final user application is dependent on PCB layout and external
impedance matching design. See Application Note No. 42 for details.
4.
The design, manufacturing process, and specifications of this filter are subject to change.
5.
Either Port 1 or Port 2 may be used for either input or output in the design. However, impedances and impedance matching may vary between Port 1 and Port
2, so that the filter must always be installed in one direction per the circuit design.
6.
US and international patents may apply.
7.
RFM, stylized RFM logo, and RF Monolithics, Inc. are registered trademarks of RF Monolithics, Inc.
Pb
Electrical Characteristics
Characteristic
Sym
Notes
Min
Typ
Max
Units
Center Frequency
fC
1
177
MHz
Source Impedance, Single Ended
50
Ω
Load Impedance, Single Ended
50
Ω
1 dB Bandwidth
BW1
20
23.8
MHz
40 dB Bandwidth
BW40
40
60
MHz
Template on the Amplitude,
10 to 149 MHz
38
40
dB
Reference is Minimum IL
209 to 350 MHz
37
39
Maximum Insertion Loss
ILMAX
7.0
9.0
dB
Amplitude Variation over 20 MHz Passband
1.1
1.5
dBP-P
Group Delay Variation over 20 MHz Passband
15
80
nsP-P
Absolute Group Delay at fC
0.308
µs
Input/Output Return loss over 20 MHz Passband
5
7
dB
Operating Temperature
-40
+85
°C
Case Style
SM3838-6 3.8 x 3.8 mm Nominal Footprint
Lid Symbolization (Y=year, WW=week, S=shift) dot=pin 1 indicator
TBD, YWWS
Standard Reel Quantity
Reel Size 7 Inch
1000 Pieces/Reel
Reel Size 13 Inch
3000 Pieces/Reel
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
Preliminary


Similar Part No. - SF2139D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF2139D MURATA-SF2139D Datasheet
176Kb / 6P
177.0 MHz SAW Filter
More results

Similar Description - SF2139D

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
logo
EPCOS
B3773 EPCOS-B3773 Datasheet
74Kb / 9P
SAW filter 868.95 MHz
B7738 EPCOS-B7738 Datasheet
93Kb / 8P
SAW filter 719.0 MHz
B9408 EPCOS-B9408 Datasheet
80Kb / 8P
SAW Filter 2140.0 MHz
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Murata Manufacturing Co...
SF2139D MURATA-SF2139D Datasheet
176Kb / 6P
177.0 MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com