Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPL-WB-01D3 Datasheet(PDF) 2 Page - STMicroelectronics

Part # CPL-WB-01D3
Description  Wide-band directional coupler with ISO port
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CPL-WB-01D3 Datasheet(HTML) 2 Page - STMicroelectronics

  CPL-WB-01D3 Datasheet HTML 1Page - STMicroelectronics CPL-WB-01D3 Datasheet HTML 2Page - STMicroelectronics CPL-WB-01D3 Datasheet HTML 3Page - STMicroelectronics CPL-WB-01D3 Datasheet HTML 4Page - STMicroelectronics CPL-WB-01D3 Datasheet HTML 5Page - STMicroelectronics CPL-WB-01D3 Datasheet HTML 6Page - STMicroelectronics CPL-WB-01D3 Datasheet HTML 7Page - STMicroelectronics CPL-WB-01D3 Datasheet HTML 8Page - STMicroelectronics CPL-WB-01D3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
CPL-WB-01D3
2/10
Doc ID 019036 Rev 3
1
Characteristics
Table 1.
A
bsolute maximum rating (limiting values)
Symbol
Parameter
Value
Unit
Min.
Typ.
Max.
PIN
Input power RFIN
35
dBm
VESD (IEC)
ESD ratings IEC 61000-4-2 (C = 150 pF, R = 330
Ω, 10 shots
with both polarities and each condition, cumulative method)
RFIN, RFOUT, air discharge
RFIN, RFOUT, contact discharge
±15
±8
kV
kV
VESD (HBM) Human body model, JESD22-A114-B, All I/O
2
kV
VESD (MM) Machine model, JESD22-A115-A, All I/O
100
V
VESD (CDM) Charge device model, JESD22-C101-C, All I/O
500
V
TOP
Operating temperature
-30
+85
ºC
Table 2.
Electrical characteristics (Tamb = 25 °C) - impedances
Symbol
Parameter
Value
Unit
Min.
Typ.
Max.
ZOUT
Nominal output impedance
50
Ω
ZIN
Nominal input impedance
50
Ω
ZCPLD
Nominal coupling impedance
50
Ω
ZISO
Nominal ISO impedance
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com