Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPL-WB-01D3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # CPL-WB-01D3
Description  Wide-band directional coupler with ISO port
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CPL-WB-01D3 Datasheet(HTML) 3 Page - STMicroelectronics

  CPL-WB-01D3 Datasheet HTML 1Page - STMicroelectronics CPL-WB-01D3 Datasheet HTML 2Page - STMicroelectronics CPL-WB-01D3 Datasheet HTML 3Page - STMicroelectronics CPL-WB-01D3 Datasheet HTML 4Page - STMicroelectronics CPL-WB-01D3 Datasheet HTML 5Page - STMicroelectronics CPL-WB-01D3 Datasheet HTML 6Page - STMicroelectronics CPL-WB-01D3 Datasheet HTML 7Page - STMicroelectronics CPL-WB-01D3 Datasheet HTML 8Page - STMicroelectronics CPL-WB-01D3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CPL-WB-01D3
Characteristics
Doc ID 019036 Rev 3
3/10
Table 3.
Electrical characteristics (Tamb = 25 °C) - RF performance
Symbol
Parameter
Test condition
Value
Unit
Min.
Typ.
Max.
TOP
Operating temperature
-30
+85
°C
f
Frequency range
(bandwidth)
824
2170
MHz
IL
Insertion loss in bandwidth From 824 MHz to 2170 MHz
0.1
0.2
dB
RL
Return loss in bandwidth
From 824 MHz to 2170 MHz
15
dB
CPLD
Coupling factor
From 824 MHz to 915 MHz
24
26
27
dB
From 1710 MHz to 2025 MHz
18
19
21
dB
Ripple
Coupling ripple in
individual band
(824 to 849 MHz) - (880 to 915 MHz)
(1710 to 1785 MHz) - (1850 to 1910 MHz)
(1880 to 2025 MHz) - (1920 to 1980 MHz)
0.5
dB
DIR
Coupler directivity
From 824 MHz to 2025 MHz
15
20
dB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com