Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCPL-WB-00D3 Datasheet(PDF) 2 Page - STMicroelectronics

Part # DCPL-WB-00D3
Description  Wide-band, dual-path directional coupler with ISO port
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DCPL-WB-00D3 Datasheet(HTML) 2 Page - STMicroelectronics

  DCPL-WB-00D3 Datasheet HTML 1Page - STMicroelectronics DCPL-WB-00D3 Datasheet HTML 2Page - STMicroelectronics DCPL-WB-00D3 Datasheet HTML 3Page - STMicroelectronics DCPL-WB-00D3 Datasheet HTML 4Page - STMicroelectronics DCPL-WB-00D3 Datasheet HTML 5Page - STMicroelectronics DCPL-WB-00D3 Datasheet HTML 6Page - STMicroelectronics DCPL-WB-00D3 Datasheet HTML 7Page - STMicroelectronics DCPL-WB-00D3 Datasheet HTML 8Page - STMicroelectronics DCPL-WB-00D3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Characteristics
DCPL-WB-00D3
2/11
Doc ID 17967 Rev 1
1
Characteristics
Table 1.
Device pin configuration
Bump
Name
Description
A1
Lbin
LB coupler RF input
A2
GND
RF ground
A3
Lbout
LB coupler RF output
B1
CPLD
Coupler port
B3
ISO
Isolated port
C1
Hbin
HB coupler RF input
C2
GND
RF ground
C3
Hbout
HB coupler output
Table 2.
A
bsolute maximum rating (limiting values)
Symbol
Parameter
Value
Unit
Min.
Typ.
Max.
PIN
Input Power RFIN (CW mode)
35
dBm
VESD (IEC)
ESD ratings IEC 61000-4-2 (C = 150 pF, R = 330
Ω)
LBIN, LBOUT, HBIN, HBOUT, air discharge
LBIN, LBOUT, HBIN, HBOUT, contact discharge
±15
±8
kV
VESD (HBM) Human body model, JESD 22-A114F, all I/O
2
kV
VESD (MM) Machine model, JESD 22-A115-A, all I/O
100
V
VESD (CDM) Charge device model, JESD 22-C101-C, all I/O
500
V
TOP
Operating temperature
-30
+85
°C
Table 3.
Electrical characteristics - impedances (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
Min.
Typ.
Max.
ZOUT
Nominal output impedance (LB and HB paths)
50
Ω
ZIN
Nominal input impedance (LB and HB paths)
50
Ω
ZCPL
Nominal coupled port impedance
50
Ω
ZISO
Nominal isolated port impedance
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com