Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCPL-WB-00D3 Datasheet(PDF) 4 Page - STMicroelectronics

Part # DCPL-WB-00D3
Description  Wide-band, dual-path directional coupler with ISO port
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DCPL-WB-00D3 Datasheet(HTML) 4 Page - STMicroelectronics

  DCPL-WB-00D3 Datasheet HTML 1Page - STMicroelectronics DCPL-WB-00D3 Datasheet HTML 2Page - STMicroelectronics DCPL-WB-00D3 Datasheet HTML 3Page - STMicroelectronics DCPL-WB-00D3 Datasheet HTML 4Page - STMicroelectronics DCPL-WB-00D3 Datasheet HTML 5Page - STMicroelectronics DCPL-WB-00D3 Datasheet HTML 6Page - STMicroelectronics DCPL-WB-00D3 Datasheet HTML 7Page - STMicroelectronics DCPL-WB-00D3 Datasheet HTML 8Page - STMicroelectronics DCPL-WB-00D3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Characteristics
DCPL-WB-00D3
4/11
Doc ID 17967 Rev 1
1.1
RF measurement (on reference evaluation board)
Measurements done on reference evaluation board under 50
Ω, de-embedding at
DCPL-WB-00D3 bumps.
Figure 2.
Low band path insertion loss
Figure 3.
High band path insertion loss
Figure 4.
Low band path coupling factor
7.5E8
8.0E8
8.5E8
9.0E8
9.5E8
F(Hz)
IL
dB
1.0E9
-0.25
-0.20
-0.15
-0.10
-0.05
-0.00
-0.25
-0.20
-0.15
-0.10
-0.05
-0.00
IL
F(Hz)
1.5E9
1.7E9
1.9E9
2.1E9
2.3E9
2.5E9
dB
dB
7.5E8
8.0E8
8.5E8
9.0E8
9.5E8
1.0E9
-38
-37
-36
-35
-34
-33
-32
-31
CPLD
F(Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com