Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCPL-WB-00D3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # DCPL-WB-00D3
Description  Wide-band, dual-path directional coupler with ISO port
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DCPL-WB-00D3 Datasheet(HTML) 3 Page - STMicroelectronics

  DCPL-WB-00D3 Datasheet HTML 1Page - STMicroelectronics DCPL-WB-00D3 Datasheet HTML 2Page - STMicroelectronics DCPL-WB-00D3 Datasheet HTML 3Page - STMicroelectronics DCPL-WB-00D3 Datasheet HTML 4Page - STMicroelectronics DCPL-WB-00D3 Datasheet HTML 5Page - STMicroelectronics DCPL-WB-00D3 Datasheet HTML 6Page - STMicroelectronics DCPL-WB-00D3 Datasheet HTML 7Page - STMicroelectronics DCPL-WB-00D3 Datasheet HTML 8Page - STMicroelectronics DCPL-WB-00D3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DCPL-WB-00D3
Characteristics
Doc ID 17967 Rev 1
3/11
Table 4.
Electrical characteristics - LB path RF performance (Tamb = 25 °C)
Symbol
Parameter
Test condition
Value
Unit
Min.
Typ.
Max.
f
Frequency range
(bandwidth)
824
960
MHz
ILLB
LB path insertion loss
From 824 MHz
to 960 MHz
0.1
0.2
dB
RLLB
LB path return loss
From 824 MHz
to 960 MHz
15
dB
CPLDLB LB path coupling factor
From 824 MHz
to 915 MHz
32
37
dB
RippleLB Coupling ripple in LB
(824 to 849 MHz)
(880 to 915 MHz)
0.5
dB
DIRLB
LB coupler directivity
From 824 MHz
to 915 MHz
20
dB
Table 5.
Electrical characteristics - HB path RF performance (Tamb = 25 °C)
Symbol
Parameter
Test condition
Value
Unit
Min.
Typ.
Max.
f
Frequency range
(bandwidth)
1710
1980
MHz
ILHB
HB path insertion loss
From 1710 MHz
to 2170 MHz
0.1
0.2
dB
RLHB
HB path return loss
From 1710 MHz
to 2170 MHz
15
dB
CPLDHB HB path coupling factor
From 1710 MHz
to 1980 MHz
29
34
dB
RippleH
B
Coupling ripple in HB
(1710 to 1785 MHz)
(1850 to 1910 MHz)
(1920 to 1980 MHz)
0.5
dB
DIRHB
HB coupler directivity
From 1710 MHz
to 1980 MHz
20
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com