Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF01-TV02F3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # EMIF01-TV02F3
Description  Single line IPAD?? EMI filter and ESD protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF01-TV02F3 Datasheet(HTML) 1 Page - STMicroelectronics

  EMIF01-TV02F3 Datasheet HTML 1Page - STMicroelectronics EMIF01-TV02F3 Datasheet HTML 2Page - STMicroelectronics EMIF01-TV02F3 Datasheet HTML 3Page - STMicroelectronics EMIF01-TV02F3 Datasheet HTML 4Page - STMicroelectronics EMIF01-TV02F3 Datasheet HTML 5Page - STMicroelectronics EMIF01-TV02F3 Datasheet HTML 6Page - STMicroelectronics EMIF01-TV02F3 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
October 2010
Doc ID 15320 Rev 3
1/7
7
EMIF01-TV02F3
Single line IPAD™, EMI filter and ESD protection
Features
■ user-customizable filtering solution
(recommended use of 2.2 µH external inductor)
■ 8 MHz bandwidth
■ provides very high attenuation at 27 MHz
■ ultralow stand-by power consumption
compared to active filters, ideal for portable
applications
■ accurate 75
Ω ± 5% impedance matching
■ high efficiency in ESD protection
(IEC standards)
■ high reliability offered by monolithic integration
Complies with the following standards
■ IEC 61000-4-2 level 4 on internal and external
pins:
– ±15 kV (air discharge)
– ±8 kV (contact discharge)
Application
Portable applications with analog TV output
Description
The EMIF01-TV02F3 chip is a highly integrated
device designed to suppress EMI and RFI noise
in all systems with a TV analog output signal
subjected to electromagnetic interferences.
This filter includes ESD protection circuitry, which
prevents damage to the protected device when
subjected to ESD surges up 15 kV.
The EMIF01-TV02F3 provides high anti-aliasing
filtering performances to reject frequencies above
8 MHz, with high attenuation at 27 MHz when an
external inductor of 2.2 µH is connected between
pins B2 and B1.
Figure 1.
Pin configuration (bump side)
Figure 2.
Configuration
TM: IPAD is a trademark of STMicroelectronics.
GND
GND
IN
OUT
GND
GND
IN
OUT
Flip-Chip package
(4 bumps)
R1
75?
C1
330pF
C2
330pF
R1
75O
C1
330pF
C2
330pF
IN
R1
75
Ω
C1
330pF
C2
330pF
R1
C1
C2
B2
B1
A1
A2
ESD ±2 kV
IEC 61000-4-2
Level 1
ESD ±15 kV
IEC 61000-4-2
Level 4
www.st.com


Similar Part No. - EMIF01-TV02F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF01-TV01F3 STMICROELECTRONICS-EMIF01-TV01F3 Datasheet
181Kb / 8P
Single line IPAD, EMI filter and ESD protection
28-Apr-2008
EMIF01-TV01F3 STMICROELECTRONICS-EMIF01-TV01F3_11 Datasheet
157Kb / 8P
Single line IPAD?? EMI filter and ESD protection
26-May-2011
More results

Similar Description - EMIF01-TV02F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF01-SMIC01F2 STMICROELECTRONICS-EMIF01-SMIC01F2 Datasheet
150Kb / 7P
Single line IPAD?? EMI filter including ESD protection
24-Apr-2008
EMIF01-TV01F3 STMICROELECTRONICS-EMIF01-TV01F3 Datasheet
181Kb / 8P
Single line IPAD, EMI filter and ESD protection
28-Apr-2008
EMIF02-MIC02F2 STMICROELECTRONICS-EMIF02-MIC02F2_08 Datasheet
110Kb / 8P
2-line IPAD, EMI filter and ESD protection
17-Apr-2008
EMIF04-EAR01F2 STMICROELECTRONICS-EMIF04-EAR01F2 Datasheet
192Kb / 7P
4-line IPAD, EMI filter and ESD protection
28-Apr-2008
EMIF09-SD01F3 STMICROELECTRONICS-EMIF09-SD01F3_08 Datasheet
375Kb / 9P
9-line IPAD, EMI filter and ESD protection
28-Apr-2008
EMIF06-MSD02N16 STMICROELECTRONICS-EMIF06-MSD02N16 Datasheet
695Kb / 12P
6-line IPAD?? EMI filter and ESD protection
21-Nov-2008
EMIF01-TV01F3 STMICROELECTRONICS-EMIF01-TV01F3_11 Datasheet
157Kb / 8P
Single line IPAD?? EMI filter and ESD protection
26-May-2011
EMIF02-MIC06F3 STMICROELECTRONICS-EMIF02-MIC06F3 Datasheet
211Kb / 8P
2-line IPAD??EMI filter and ESD protection
23-Sep-2011
EMIF06-1002F2 STMICROELECTRONICS-EMIF06-1002F2 Datasheet
218Kb / 7P
6-line IPAD?? EMI filter and ESD protection
29-Mar-2010
EMIF10-LCD03F3 STMICROELECTRONICS-EMIF10-LCD03F3_10 Datasheet
278Kb / 7P
10-line IPAD?? EMI filter and ESD protection
19-Feb-2010
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com