Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF01-TV02F3 Datasheet(PDF) 4 Page - STMicroelectronics

Part # EMIF01-TV02F3
Description  Single line IPAD?? EMI filter and ESD protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF01-TV02F3 Datasheet(HTML) 4 Page - STMicroelectronics

  EMIF01-TV02F3 Datasheet HTML 1Page - STMicroelectronics EMIF01-TV02F3 Datasheet HTML 2Page - STMicroelectronics EMIF01-TV02F3 Datasheet HTML 3Page - STMicroelectronics EMIF01-TV02F3 Datasheet HTML 4Page - STMicroelectronics EMIF01-TV02F3 Datasheet HTML 5Page - STMicroelectronics EMIF01-TV02F3 Datasheet HTML 6Page - STMicroelectronics EMIF01-TV02F3 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Application information
EMIF01-TV02F3
4/7
Doc ID 15320 Rev 3
2
Application information
An external inductor is used to provide the filtering performance required by the TV-out
application.
ST recommends one of these two references:
●
TDK: MLF1608A2R2J
●
MURATA: LQM18NN2R2J
Figure 7.
Application diagram
3
Ordering information scheme
Figure 8.
Ordering information scheme
R1
75?
C1
330pF
C2
330pF
R1
75 O
C1
330pF
C2
330pF
IN
OUT
GND
R1
75?
C1
330pF
C2
330pF
R1
75
Ω
C1
330pF
C2
330pF
IN
OUT
GND
GND
GND
EMIF01-TV02F3
EMIF01-TV02F3
C/CVBS
TV_OUT
connector
EMIF
yy
-
xx zz
Fx
EMI filter
Number of lines
Information
Package
x = resistance value (Ohms)
z = capacitance value / 10 (pF)
or
2 letters = application
2 digits = version
F = Flip Chip
x = 3: lead-free, pitch = 400 µm, bump = 255 µm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com