Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDMI05-CL01F3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # HDMI05-CL01F3
Description  5-line IPAD?? HDMI??control line ESD protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HDMI05-CL01F3 Datasheet(HTML) 3 Page - STMicroelectronics

  HDMI05-CL01F3 Datasheet HTML 1Page - STMicroelectronics HDMI05-CL01F3 Datasheet HTML 2Page - STMicroelectronics HDMI05-CL01F3 Datasheet HTML 3Page - STMicroelectronics HDMI05-CL01F3 Datasheet HTML 4Page - STMicroelectronics HDMI05-CL01F3 Datasheet HTML 5Page - STMicroelectronics HDMI05-CL01F3 Datasheet HTML 6Page - STMicroelectronics HDMI05-CL01F3 Datasheet HTML 7Page - STMicroelectronics HDMI05-CL01F3 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
HDMI05-CL01F3
Characteristics
Doc ID 17458 Rev 1
3/8
Figure 4.
S21(dB) versus frequency on A1
Figure 5.
Analog crosstalk measurements
B3-A3
100k
1M
10M
100M
1G
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
S21 (dB)
A1_0V
A1_2.5V
A1_3.6V
A1_5.5V
F(Hz)
-40
-35
-30
-25
-20
-15
-10
-5
0
Crosstalk (dB)
-
-
-
-
-
-
-
-
100k
1M
10M
100M
1G
-
-
-
-
-
-
-
-
F(Hz)
B3_A3_0V
B3_A3_2.5V
B3_A3_3.6V
B3_A3_5.5V
Figure 6.
Digital crosstalk measurement
A3-B3 with 5 V applied on C1
Figure 7.
ESD response to IEC 61000-4-2
(+8 kV contact discharge)
on CEC line (A2)
C1
C1
C2
C2
1 V/Div
50 mV/Div
20 ns/Div
20 ns/Div
Output
Input
C2
20 V/Div
20 ns/Div
VCL
Figure 8.
ESD response to IEC 61000-4-2
(-8 kV contact discharge)
on CEC line (A2)
Figure 9.
Line capacitance versus reverse
applied voltage on A2-B2
20 V/Div
20 ns/Div
C2
VCL
0.0
2.0
4.0
6.0
8.0
10
10
12
14
0
2
4
6
8
C(pF)
V (V)
R



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com