Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDMI05-CL01F3 Datasheet(PDF) 4 Page - STMicroelectronics

Part # HDMI05-CL01F3
Description  5-line IPAD?? HDMI??control line ESD protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HDMI05-CL01F3 Datasheet(HTML) 4 Page - STMicroelectronics

  HDMI05-CL01F3 Datasheet HTML 1Page - STMicroelectronics HDMI05-CL01F3 Datasheet HTML 2Page - STMicroelectronics HDMI05-CL01F3 Datasheet HTML 3Page - STMicroelectronics HDMI05-CL01F3 Datasheet HTML 4Page - STMicroelectronics HDMI05-CL01F3 Datasheet HTML 5Page - STMicroelectronics HDMI05-CL01F3 Datasheet HTML 6Page - STMicroelectronics HDMI05-CL01F3 Datasheet HTML 7Page - STMicroelectronics HDMI05-CL01F3 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Typical application schematic
HDMI05-CL01F3
4/8
Doc ID 17458 Rev 1
2
Typical application schematic
Figure 10.
Implementation with HDMI type C connector
A1 A2
4 TMDS channel
A3 B1 B3 C1 C2 C3
ESDAULC6-8F3
HDMI05-CL01F3
B2
CEC
5V
2 x 1K75
3V
SCL
SDA
HPD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
TMDS DATA2 SHIELD
TMDS DATA2 +
TMDS DATA2 -
TMDS DATA1 SHIELD
TMDS DATA1 +
TMDS DATA1 -
TMDS DATA0 SHIELD
TMDS DATA0 +
TMDS DATA0 -
TMDS CLK SHIELD
TMDS CLK +
TMDS CLK -
DDC/ EEC GROUND
CEC
SCL
SDA
RESERVED
+5V POWER
HOT PLUG DETECT
TYPE C
HDMI CONNECTOR



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com