Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDMI05-CL01F3 Datasheet(PDF) 5 Page - STMicroelectronics

Part # HDMI05-CL01F3
Description  5-line IPAD?? HDMI??control line ESD protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HDMI05-CL01F3 Datasheet(HTML) 5 Page - STMicroelectronics

  HDMI05-CL01F3 Datasheet HTML 1Page - STMicroelectronics HDMI05-CL01F3 Datasheet HTML 2Page - STMicroelectronics HDMI05-CL01F3 Datasheet HTML 3Page - STMicroelectronics HDMI05-CL01F3 Datasheet HTML 4Page - STMicroelectronics HDMI05-CL01F3 Datasheet HTML 5Page - STMicroelectronics HDMI05-CL01F3 Datasheet HTML 6Page - STMicroelectronics HDMI05-CL01F3 Datasheet HTML 7Page - STMicroelectronics HDMI05-CL01F3 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
HDMI05-CL01F3
Ordering information scheme
Doc ID 17458 Rev 1
5/8
3
Ordering information scheme
Figure 11.
Ordering information scheme
4
Package information
●
Epoxy meets UL94, V0
●
Lead-free package
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 12.
Flip-Chip dimensions
HDMI
05
-
CL 01
F3
Function
Number of lines
Application
Version
Package
HDMI = HDMI Protection
05 = 5 lines
CL = Control lines
01 = without CEC Pull-up integrated
F3 = Flip-Chip 0.4 mm pitch
400 µm ± 40
255 µm ± 40
605 µm ± 55
1.14 mm ± 30 µm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com