Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-TDR016V1 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STEVAL-TDR016V1
Description  RF power amplifier using 1 x PD55015E N-channel enhancement-mode lateral MOSFETs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TDR016V1 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STEVAL-TDR016V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-TDR016V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-TDR016V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-TDR016V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-TDR016V1 Datasheet HTML 9Page - STMicroelectronics STEVAL-TDR016V1 Datasheet HTML 10Page - STMicroelectronics STEVAL-TDR016V1 Datasheet HTML 11Page - STMicroelectronics STEVAL-TDR016V1 Datasheet HTML 12Page - STMicroelectronics STEVAL-TDR016V1 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Package mechanical data
STEVAL-TDR016V1
10/13
Doc ID 18030 Rev 1
Note:
Resin protrusions not included (max value: 0.15 mm per side)
Table 4.
PowerSO-10RF formed lead (Gull wing) mechanical data
Dim.
mm.
Inch
Min.
Typ.
Max.
Min.
Typ.
Max.
A1
0
0.05
0.1
0.
0.0019
0.0038
A2
3.4
3.5
3.6
0.134
0.137
0.142
A3
1.2
1.3
1.4
0.046
0.05
0.054
A4
0.15
0.2
0.25
0.005
0.007
0.009
a0.2
0.007
b
5.4
5.53
5.65
0.212
0.217
0.221
c
0.23
0.27
0.32
0.008
0.01
0.012
D
9.4
9.5
9.6
0.370
0.374
0.377
D1
7.4
7.5
7.6
0.290
0.295
0.298
E
13.85
14.1
14.35
0.544
0.555
0.565
E1
9.3
9.4
9.5
0.365
0.37
0.375
E2
7.3
7.4
7.5
0.286
0.292
0.294
E3
5.9
6.1
6.3
0.231
0.24
0.247
F0.5
0.019
G1.2
0.047
L
0.8
1
1.1
0.030
0.039
0.042
R1
0.25
0.01
R2
0.8
0.031
T
2 deg
5 deg
8 deg
2 deg
5 deg
8 deg
T1
6 deg
6 deg
T2
10 deg
10 deg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com