Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-TDR016V1 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STEVAL-TDR016V1
Description  RF power amplifier using 1 x PD55015E N-channel enhancement-mode lateral MOSFETs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TDR016V1 Datasheet(HTML) 4 Page - STMicroelectronics

  STEVAL-TDR016V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-TDR016V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-TDR016V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-TDR016V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-TDR016V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-TDR016V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-TDR016V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-TDR016V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-TDR016V1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Typical performance
STEVAL-TDR016V1
4/13
Doc ID 18030 Rev 1
3
Typical performance
Figure 1.
POUT vs pin and frequency
@ Vdd = 20 V
Figure 2.
Efficiency vs
POUT and frequency @ Vdd = 20 V
Figure 3.
Gain vs POUT and frequency @
Vdd= 20 V
Figure 4.
Harmonics vs frequency
@ Vdd= 20 V
0
5
10
15
20
25
30
35
0,0
0,2
0,4
0,6
0,8
1,0
1,2
Pin (mW)
Vdd = 20 V
Idq = 150 mA
f = 155 MHz
f = 160 MHz
f = 165 MHz
Pin(W)
0
10
20
30
40
50
60
70
80
90
0
5
10
15
20
25
30
35
Pout (W)
Vdd = 20 V
Idq = 150 mA
f = 155 MHz
f = 165 MHz
f = 160 MHz
10
11
12
13
14
15
16
17
18
19
20
0
5
10
15
20
25
30
35
Pout (W)
Vdd = 20 V
Idq = 150 mA
f = 155 MHz
f = 165 MHz
f = 160 MHz
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
150
155
160
165
170
f (MHz)
Vdd = 20 V
Idq = 150 mA
Pout = 30 W
H3
H2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com