Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-TDR016V1 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STEVAL-TDR016V1
Description  RF power amplifier using 1 x PD55015E N-channel enhancement-mode lateral MOSFETs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TDR016V1 Datasheet(HTML) 3 Page - STMicroelectronics

  STEVAL-TDR016V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-TDR016V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-TDR016V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-TDR016V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-TDR016V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-TDR016V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-TDR016V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-TDR016V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-TDR016V1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
STEVAL-TDR016V1
Electrical data
Doc ID 18030 Rev 1
3/13
1
Electrical data
1.1
Maximum ratings
2
Electrical characteristics
TA = +25
oC, V
DD = 20V, IDQ = 150 mA
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDD
Supply voltage
24
V
ID
Drain current
3
A
PDISS
Power dissipation
25
W
TCASE
Operating case temperature
-20 to +85
°C
TA
Max. ambient temperature
55
°C
Table 3.
Electrical specification
Symbol
Test conditions
Min.
Typ.
Max.
Unit
Freq
Frequency range
155
165
MHz
POUT
30
W
Gain
@ POUT = 30W
14.7
dB
ND
@ POUT = 30W
60
%
Gain
Flatness
@ POUT = 30W
±0.3
dB
H2
2ND Harmonic @ POUT = 30 W
-29
-25
dBc
H3
3RD Harmonic @ POUT = 30 W
-52
-50
dBc
VSWR
Load mismatch all phases @ POUT = 30 W
20:1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com