Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRI1K Datasheet(PDF) 54 Page - STMicroelectronics

Part # LRI1K
Description  1024-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI1K Datasheet(HTML) 54 Page - STMicroelectronics

Back Button LRI1K Datasheet HTML 50Page - STMicroelectronics LRI1K Datasheet HTML 51Page - STMicroelectronics LRI1K Datasheet HTML 52Page - STMicroelectronics LRI1K Datasheet HTML 53Page - STMicroelectronics LRI1K Datasheet HTML 54Page - STMicroelectronics LRI1K Datasheet HTML 55Page - STMicroelectronics LRI1K Datasheet HTML 56Page - STMicroelectronics LRI1K Datasheet HTML 57Page - STMicroelectronics LRI1K Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 86 page
background image
Commands codes
LRI1K
54/86
Doc ID 17170 Rev 3
20.6
Read Multiple Block
When receiving the Read Multiple Block command, the LRI1K reads the selected blocks
and sends back their values in multiples of 32 bits in the response. The blocks are
numbered from '00h’ to '1Fh' in the request.
The “number of blocks” value corresponds to the number of blocks to be read after the first
block. For example, if the “number of blocks” field contains the value 06h, 7 blocks will be
read. The maximum number of blocks that can be read is 32.
During Sequential Block Read, when the block address reaches 32, it rolls over to 0. The
Option_flag is supported.
Request parameters:
●
Option_flag
●
UID (Optional)
●
First block number
●
Number of blocks
Response parameter:
●
Block Locking Status if Option_flag is set (see Table 36: Block Locking status)
●
N blocks of data
Table 34.
Read Multiple Block request format
Request
SOF
Request_
flags
Read
Multiple
Block
UID
First
block
number
Number
of
blocks
CRC16
Request
EOF
8 bits
23h
64 bits
8 bits
8 bits
16 bits
Table 35.
Read Multiple Block response format when Error_flag is NOT set
Response
SOF
Response_
flags
Block
Locking
Status
Data
CRC16
Response
EOF
8 bits
8 bits(1)
1.
Repeated as needed.
32 bits(1)
16 bits
Table 36.
Block Locking status
b7
b6
b5
b4
b3
b2
b1
b0
All 0
0: Current Block not locked
1: Current Block locked
Table 37.
Read Multiple Block response format when Error_flag is set
Response SOF
Response_flags
Error code
CRC16
Response EOF
8 bits
8 bits
16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com