Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRI1K Datasheet(PDF) 18 Page - STMicroelectronics

Part # LRI1K
Description  1024-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI1K Datasheet(HTML) 18 Page - STMicroelectronics

Back Button LRI1K Datasheet HTML 14Page - STMicroelectronics LRI1K Datasheet HTML 15Page - STMicroelectronics LRI1K Datasheet HTML 16Page - STMicroelectronics LRI1K Datasheet HTML 17Page - STMicroelectronics LRI1K Datasheet HTML 18Page - STMicroelectronics LRI1K Datasheet HTML 19Page - STMicroelectronics LRI1K Datasheet HTML 20Page - STMicroelectronics LRI1K Datasheet HTML 21Page - STMicroelectronics LRI1K Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 86 page
background image
Data rate and data coding
LRI1K
18/86
Doc ID 17170 Rev 3
Figure 7.
1 out of 4 coding example
3.3
VCD to LRI1K frames
Frames are delimited by a start of frame (SOF) and an end of frame (EOF). They are
implemented using code violation. Unused options are reserved for future use.
The LRI1K is ready to receive a new command frame from the VCD 311.5 µs (t2) after
sending a response frame to the VCD.
The LRI1K takes a Power-On time of 0.1 ms after being activated by the powering field.
After this delay, the LRI1K is ready to receive a command frame from the VCD.
3.4
Start of frame (SOF)
The SOF defines the data coding mode the VCD is to use for the following command frame.
The SOF sequence described in Figure 8 selects the 1 out of 256 data coding mode.
The SOF sequence described in Figure 9 selects the 1 out of 4 data coding mode.
The EOF sequence for either coding mode is described in Figure 10.
Figure 8.
SOF to select 1 out of 256 data coding mode
AI06659B
75.52 µs
75.52 µs
75.52 µs
75.52 µs
00
10
01
11
AI06661
37.76 µs
9.44 µs
9.44 µs
37.76 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com